PART |
Description |
Maker |
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
R3111Q091A R3111Q091A-T1 R3111Q091A-TR R3111Q091A- |
Low voltage detector. Detector threshold (-Vdet) 5.5V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: Nch open drain. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: Nch open drain. Standard taping specification TR LOW VOLTAGE DETECTOR R3111XXX1A/C SERIES Low voltage detector. Detector threshold (-Vdet) 3.8V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 4.4V. Output type: CMOS. Standard taping specification TR Low voltage detector. Detector threshold (-Vdet) 5.6V. Output type: CMOS. Standard taping specification TR
|
RICOH[RICOH electronics devices division]
|
BU4809 BU4809F-TR BU4809FP3-TR BU4809G-TR BU4811 B |
Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption Low Voltage Standard CMOS Voltage Detector ICs
|
Rohm
|
AAT3564 AAT3560 AAT3560IGY-2.20-T1 AAT3560IGY-2.50 |
NanoPower Voltage Detector NanoPower垄芒 Voltage Detector NanoPower⑩ Voltage Detector
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
P4C1258-25CMB P4C1258L-25CMB P4C1258-45LMB P4C1258 |
VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R Micro Power Voltage detector, w/push pull active low, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH PULL ACTIVE LOW OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R MICRO POWER VOLTAGE DETECTOR, W/OPEN DRAIN, ACTIVE LOW, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R MICTO POWER VOLTAGE DETECTOR, W/ACTIVE DRAIN, ACTIVE LOW, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R VOLTAGE DETECTOR W/PUSH PULL ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE HIGH OUTPUT & 0ms TIMEOUT, -40C to 125C, 4-SOT-143, T/R x4的SRAM MICRO POWER VOLTAGE DETECTOR, W/OPEN DRAIN ACTIVE LOW, -40C to 125C, 4-SOT-143, T/R x4的SRAM VOLTAGE DETECTOR W/OPEN DRAIN ACTIVE LOW OUTPUT & 2ms TIMEOUT, -40C to 125C, 5-SOT-23, T/R x4的SRAM x4 SRAM x4的SRAM
|
Unisonic Technologies Co., Ltd. Pyramid Semiconductor, Corp.
|
MAX8211IPA MAX8212CTY/HR MAX8211CTY/HR MAX8211MJA/ |
Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, UUC5 Voltage Detector 电压检测器
|
Maxim Integrated Products, Inc.
|
SS6729-4619CNTB SS6729-4619CNTR SS6729-4619CSTB SS |
400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
|
Silicon Standard Corp.
|
BU4209FVE-TR BU4309FVE-TR BU4248FVE-TR BU4348FVE-T |
Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
|
Rohm
|
RN5VT27A RN5VT27A-RF RN5VT27A-RR RN5VT27A-T1 RN5VT |
LOW VOLTAGE DETECTOR
|
RICOH[RICOH electronics devices division]
|
BU4843FVE BU4840FVE BU4841FVE BU4842FVE BU4844FVE |
Low Voltage Detector IC
|
ROHM[Rohm]
|
RN5VS28CC-TL |
LOW VOLTAGE DETECTOR
|
Ricoh
|
CMX631A |
Low Voltage SPM Detector
|
Consumer Microcircuits Limited
|
|