PART |
Description |
Maker |
M58PV001LE96ZB5 M58PR001LE M58PR001LE96ZB5 M58PR25 |
256-Mbit, 512-Mbit or 1-Gbit (× 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
|
STMicroelectronics
|
CY14B104NA-BA20XI CY14B104NA-BA20XIT CY14B104NA-BA |
4-Mbit (512 K ? 8/256 K ? 16) nvSRAM 4-Mbit (512 K × 8/256 K × 16) nvSRAM
|
Cypress Semiconductor http://
|
CY14B104NA-BA25IT |
4-Mbit (512 K x 8/256 K x 16) nvSRAM
|
Cypress Semiconductor
|
CY7C1355C-133AXC |
9-Mbit (256 K × 36 / 512 K × 18) Flow-Through SRAM with NoBL Architecture
|
Cypress Semiconductor
|
S29GL256N |
512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
|
Cypress Semiconductor
|
NAND256-A NAND01G-A NAND01GW3A2AZB1 NAND01GW3A0AZB |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位千兆位(x8/x1628 Byte/264字的页面.8V/3V,NAND闪存芯片 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位1千兆位(x8/x1628 Byte/264字的页面1.8V/3V,NAND闪存芯片 128M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 8M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 64M X 8 FLASH 3V PROM, 35 ns, PBGA55 64M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 128M X 8 FLASH 3V PROM, 35 ns, PDSO48 8M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PBGA55
|
ST Microelectronics 意法半导 STMicroelectronics N.V. NUMONYX http://
|
CY7C4215-35JC CY7C4225-10ASC CY7C4225-10AI CY7C422 |
64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 4K X 18 OTHER FIFO, 11 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 2K X 18 OTHER FIFO, 15 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 512 X 18 OTHER FIFO, 8 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 4K X 18 OTHER FIFO, 15 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 10 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 8 ns, PQCC68 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 1K X 18 OTHER FIFO, 8 ns, PQFP64 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Gender:Female SERIAL DTE CABLE WITH DB9 FEMALE CONNECTOR Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:14-5 OSC 5V SMT 7X5 CMOS PROGRM SERVSWITCH AFFINITY SERIADTE CABLE DB9F-10FT
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
IDT7202 IDT7200L12J IDT7200L12J8 IDT7200L12SO IDT7 |
1K x 9 AsyncFIFO, 5.0V 512 x 9 AsyncFIFO, 5.0V 256 x 9 AsyncFIFO, 5.0V CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
|
IDT
|
CY7C4205-10AXCT CY7C4205-35AI CY7C4245-10AXCT CY7C |
64/256/512/1K/2K/4K x 18 Synchronous FIFOs 256 X 18 OTHER FIFO, 8 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 20 ns, PQFP64 64/256/512/1K/2K/4K x 18 Synchronous FIFOs 4K X 18 OTHER FIFO, 8 ns, PQFP64 64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs 256 X 18 OTHER FIFO, 20 ns, PQCC68
|
Cypress Semiconductor, Corp.
|
AM41PDS3224DT10IS AM41PDS3224DT100IS AM41PDS3224DT |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
|