PART |
Description |
Maker |
EG1ME |
Ultra Fast Recovery Pack: A-405 Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
FFA30U20DN FFA30U20DNTU |
ULTRA FAST RECOVERY POWER RECTIFIER 30A/200V Ultra Fast Recovery Rectifiers Ultra Fast Recovery Power Rectifer(平均整流电流30A超快恢复功率整流 30 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FFB10U20S FFB10U20STM |
10A/200V Ultra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
CURNM101-HF CURNM104-HF CURNM103-HF CURNM105-HF CU |
SMD Ultra Fast Recovery Rectifiers Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=1000V, V-R=1000V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=1A
|
Marl International Limi... Comchip Technology
|
FFL60U60DN FFL60U60DNTU |
320 x 240 pixel format, CFL backlight available with power harness 60 A, 600 V, SILICON, RECTIFIER DIODE, TO-264AA ULTRA FAST RECOVERY POWER RECTIFIER 60A/600V Ultra Fast Recovery Rectifiers
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MUR280 |
Ultra Fast Recovery Pack: DO-15 GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 800V CURRENT:2.0A
|
Gulf Semiconductor
|
MUR7005 MUR7060 MUR7010 MUR7020 MUR7040 |
70A, 400V ultra fast recovery rectifier 70A, 200V ultra fast recovery rectifier 70A, 100V ultra fast recovery rectifier 70A, 50V ultra fast recovery rectifier 70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
UFS550 UFS530 UFS540 UFS540G UFS540J |
Ultra Fast Rectifier (less than 100ns) ULTRA FAST RECOVERY RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
UFT2030 UFT2040 UFT2050 |
Ultra Fast Rectifier (less than 100ns) ULTRA FAST RECOVERY RECTIFIERS 10 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AB
|
MICROSEMI[Microsemi Corporation] Rectron Semiconductor
|
SF20AG SF20JG |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|