PART |
Description |
Maker |
MMSZ16VBW MMSZ20VBW MMSZ9V1BW MMSZ10VBW MMSZ11VBW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MMSZ52XXET3G MMSZ5221ET1 MMSZ5223ET1 MMSZ5226ET1 M |
225 W e-Rated Zener 22 V SOD-123; Package: SOD-123 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 22 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount
|
ONSEMI[ON Semiconductor]
|
MMSZ2V4CW09 MMSZ18VCW |
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
BT138B-500 BT138B-500F BT138B-500G BT138B-600 BT13 |
Triacs sensitive gate DIODE ZENER SINGLE 150mW 12Vz 0.05mA-Izt 0.05 0.05uA-Ir 9.1 SOD-523 3K/REEL DIODE ZENER SINGLE 200mW 12Vz 0.05mA-Izt 0.05 0.05uA-Ir 9.1 SOD-323 3K/REEL DIODE ZENER SINGLE 500mW 14Vz 0.05mA-Izt 0.05 0.05uA-Ir 10.6 SOD-123 3K/REEL 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE ZENER SINGLE 500mW 12Vz 0.05mA-Izt 0.05 0.05uA-Ir 9.1 SOD-123 3K/REEL 500 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE ZENER SINGLE 150mW 14Vz 0.05mA-Izt 0.05 0.05uA-Ir 10.6 SOD-523 3K/REEL
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MMSZ4689 |
From old datasheet system Half watt, General purpose, Medium Current Surface Mount Zener in the SOD-123 package
|
FAIRCHILD[Fairchild Semiconductor]
|
MMSZ4XXXET1 MMSZ4XXXET1G MMSZ4XXXET3 MMSZ4XXXET3G |
Zener Voltage Regulators(榻?撼绋冲?绠? Zener Voltage Regulators 500 mW SOD−123 Surface Mount 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators(齐纳稳压 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators(齐纳稳压 2.2 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD−123 Surface Mount
|
ONSEMI[ON Semiconductor]
|
1N4148W 1N4448W |
400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
K4H560438D-GCA2 K4H561638D-GLB3 K4H560838D-GLB3 K4 |
DIODE ZENER SINGLE 200mW 33Vz 0.05mA-Izt 0.05 0.05uA-Ir 25 SOD-323 3K/REEL 的DDR 256Mb DIODE ZENER SINGLE 500mW 28Vz 0.05mA-Izt 0.05 0.05uA-Ir 21.2 SOD-123 3K/REEL 的DDR 256Mb DIODE ZENER SINGLE 200mW 30Vz 0.05mA-Izt 0.05 0.05uA-Ir 22.8 SOD-323 3K/REEL 的DDR 256Mb DIODE ZENER SINGLE 500mW 36Vz 0.05mA-Izt 0.05 0.05uA-Ir 27.3 SOD-123 3K/REEL 的DDR 256Mb DIODE ZENER SINGLE 150mW 36Vz 0.05mA-Izt 0.05 0.05uA-Ir 27.3 SOD-523 3K/REEL 的DDR 256Mb DIODE ZENER SINGLE 150mW 33Vz 0.05mA-Izt 0.05 0.05uA-Ir 25 SOD-523 3K/REEL 的DDR 256Mb DIODE ZENER SINGLE 200mW 36Vz 0.05mA-Izt 0.05 0.05uA-Ir 27.3 SOD-323 3K/REEL DIODE ZENER SINGLE 200mW 28Vz 0.05mA-Izt 0.05 0.05uA-Ir 21.2 SOD-323 3K/REEL DIODE ZENER SINGLE 500mW 39Vz 0.05mA-Izt 0.05 0.05uA-Ir 29.6 SOD-123 3K/REEL DIODE ZENER SINGLE 200mW 39Vz 0.05mA-Izt 0.05 0.05uA-Ir 29.6 SOD-323 3K/REEL
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
BAV20W BAV21W |
400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage & High Conductance Fast Switching Diode
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
NSI45020AT1G |
45 V, 20 mA ? 10% CCR SOD-123 45 V, 20 mA 10% CCR SOD-123 LED DISPLAY DRIVER, PDSO2 Constant Current Regulator & LED Driver 45 V, 20 mA 10%, 460 mW Package
|
ON Semiconductor
|
S6B1713A11-XXXN S6B1713A11-XXX0 S6B1713A15-B0CY S6 |
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD DIODE ZENER SINGLE 500mW 33Vz 3.8mA-Izt 0.05 0.1uA-Ir 25 SOD-123 3K/REEL 65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|