PART |
Description |
Maker |
MY51W MY51 MY51C MY51D MY51T |
Terminal Block; Number of Positions:3; Wire Size (AWG):14-4; Number of Contacts:3; Terminal Block Clamp Type:Power Distribution Block YELLOW LED LAMPS
|
MICRO-ELECTRONICS[Micro Electronics]
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1608640000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
1616500000 |
Terminal Block; Wire Size (AWG):26-12; Mounting Type:Clip; Leaded Process Compatible:Yes; Terminal Block Clamp Type:Tension Clamp 16 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
25.171.0253.0 25.163.7253.0 25.161.7153.0 25.160.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5mm; Wire Size (AWG):12-22; Mounting Type:PC Board 16 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
39870-0304 |
Terminal Block; Pitch Spacing:0.197"; Body Material:Nylon 6/6; No. of Contacts:4; No. of Rows:1; Series:Beau Eurostyle 15 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
999342 |
Terminal Block; No. of Positions:16; Pitch Spacing:0.13"; Wire Size (AWG):24-12; Mounting Type:PC Board; Leaded Process Compatible:Yes RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
25.840.3253.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5.08mm; Wire Size (AWG):12; Mounting Type:PC Board; Body Material:Polyamide 6.6; Current Rating:12A; No. of Contacts:2; No. of Rows:1; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|
39880-0109 39880-0107 39880-0104 39880-0113 MOLEXI |
15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.2"; Wire Size (AWG):30-12; Mounting Type:PC Board; Body Material:PA Polyamide (Nylon); Color:Black; Contact Plating:Tin; Current Rating:15A; Number of Rows:1
|
MOLEX INC
|
39990-0312 39990-0310 39991-0311 39990-0302 39990- |
Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:12; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:10; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 11 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ck02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 17 ASY DELTA 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 16 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ckt08 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 15 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
C7021-01-X C7021-01N-X C7021-03-X C7021-03N-X C702 |
Power Feed Thru Terminal Block
|
http:// Cooper Bussmann, Inc.
|
|