PART |
Description |
Maker |
006208505110000 006208110110020 086208010110020 08 |
1.0mmPitch ZIF Vertical Through hole Single- sided contact Slide lock 1.0mmPitch ZIF Vertical Through hole Single- sided contact Slide lock
|
AVX Corporation
|
006200505130000 00-6200-512-130-000 00-6200-512-23 |
1.0mmPitch RA Through hole / SMT Bottom contact Slide lock 1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
|
AVX Corporation
|
KA2142 KA2142C |
Vertical Deflection Output Circuit VERTICAL DEFLECTION IC, PSFM10 From old datasheet system Vertical Output IC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TDA8215B |
From old datasheet system VERTICAL/HORIZONTAL DEFLECTION PROCESSOR,BIPOLAR,DIP,20PIN,PLASTIC HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
VN2410 VN2406 |
N-Channel Enhancement-Mode Vertical DMOS FET(击穿电压240V,10Ω,N沟道增强型垂直DMOS结构场效应管) N沟道增强型场效应管垂直的DMOS(击穿电40伏,10Ω沟道增强型垂直的DMOS结构场效应管 N-Channel Enhancement-Mode Vertical DMOS FET(?荤┛?靛?240V,10惟锛?娌??澧?己????茨MOS缁???烘?搴??) N-Channel Enhancement-Mode Vertical DMOS FET(?荤┛?靛?240V,6惟锛?娌??澧?己????茨MOS缁???烘?搴??)
|
Elan Microelectronics, Corp. ELAN Microelctronics Corp .
|
ZVN0120L ZVN0120 ZVN0120A ZVN0120B |
BV(dss): 200V; I(d): 0.16A; R(ds): 16 Ohm; N-channel enhancement-mode vertical DMOS FET N CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
|
ZETEX[Zetex Semiconductors]
|
2SA940A EE08486 |
TRANSISTOR (POWER AMPLIFIER/ VERTICAL OUTPUT APPLICATIONS) TRANSISTOR (POWER AMPLIFIER, VERTICAL OUTPUT APPLICATIONS) POWER AMPLIFIER APPLICATIONS VERTICAL OUTPUT APPLICATIONS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
GZC80000 GXF75000 |
CAPACITOR, VARIABLE, FILM-POLYCARBONATE, 100 V, 8 pF - 80 pF, VERTICAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, FILM-POLY TETRAFLUOROETHYLENE, 200 V, 6 pF - 75 pF, VERTICAL ADJUSTER, THROUGH HOLE MOUNT
|
Samsung Semiconductor Co., Ltd.
|
CTZ2E-03A-X1-P CTZ3E-20C-B-P CTZ3S-40C-W-5-PF CTZ3 |
CAPACITOR, VARIABLE, 25 V, 4.5 pF - 40 pF, HORIZONTAL ADJUSTER, SURFACE MOUNT CAPACITOR, VARIABLE, CERAMIC-MULTILAYER, 25 V, 5 pF - 20 pF, VERTICAL ADJUSTER, SURFACE MOUNT CAPACITOR, VARIABLE, 25 V, 4.5 pF - 40 pF, VERTICAL ADJUSTER, SURFACE MOUNT CAPACITOR, VARIABLE, 25 V, 4.5 pF - 20 pF, VERTICAL ADJUSTER, SURFACE MOUNT CAPACITOR, VARIABLE, 25 V, 2 pF - 3 pF, VERTICAL ADJUSTER, SURFACE MOUNT
|
AVX, Corp.
|
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
|