Part Number Hot Search : 
IRFBF20 32017 250254B SAA6579 53259 SAA1305T PB314006 93C46
Product Description
Full Text Search
  sided Datasheet PDF File

For sided Found Datasheets File :: 6934    Search Time::2.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NE57811 NE57811S

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. NE57811 NE57811S
OCR Text ...the X axis. If you use a double-sided PCB with some plated-through holes to help transfer heat to the bottom side, the thermal resistance only improves by about 3 - 4 C/W. After the power is estimated, the minimum PCB area can be determined...
Description Advanced DDR memory termination power with shutdown 先进的DDR存储器终端电源与关机

File Size 131.81K  /  13 Page

View it Online

Download Datasheet





    PSS8050 PSS8050D

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. PSS8050 PSS8050D
OCR Text ...a printed-circuit board; single sided copper; tinplated; standard footprint. 2. Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2. 3. Device mounted on a printed-circuit board; singl...
Description PSS8050; NPN medium power 25 V transistor

File Size 97.19K  /  10 Page

View it Online

Download Datasheet

    TLP921

Toshiba, Corp.
Toshiba Corporation
TOSHIBA[Toshiba Semiconductor]
Part No. TLP921
OCR Text ...nner Positioning pin and single-sided screw-mount type Short lead type: Lead length = 2.8 0.3 mm Phototransistor impermeable to visible light Package material: polybutylene-terephthalate (UL94V-0, black) Maximum Ratings (Ta = 25C) Char...
Description Toshiba Photoreflective sensor Infrared LED Phototransistor Inkjet printers ink-level monitoring 东芝Photoreflective传感器的红外发光二极管光电晶体管喷墨打印机墨水一级的监测

File Size 171.20K  /  8 Page

View it Online

Download Datasheet

    UPC8178TB UPC8179 UPC8179TB UPC8179TB-E3 UPC8128TB UPC8151TB UPC8152TB UPC8179TB1 PC8179TB-E3

NEC[NEC]
Part No. UPC8178TB UPC8179 UPC8179TB UPC8179TB-E3 UPC8128TB UPC8151TB UPC8152TB UPC8179TB1 PC8179TB-E3
OCR Text ... 6 TA = +25 C Mounted on double sided copper clad 50 x 50 x 1.6 mm epoxy glass PWB (TA = +85 C) Ratings 3.6 15 270 -40 to +85 -55 to +150 TA = +25 C +5 Unit V mA mW Operating Ambient Temperature Storage Temperature Input Power TA Tstg...
Description SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

File Size 150.83K  /  28 Page

View it Online

Download Datasheet

    UPC8179TK UPC8179TK-E3

NEC Corp.
California Eastern Labs
NEC[NEC]
Part No. UPC8179TK UPC8179TK-E3
OCR Text ... 0.028", Getek laminate, double sided copper 2. Ground pattern on rear board 3. Solder plated patterns 4. Through holes EVALUATION BOARD, 1.9 GHz Vcc P1 GND P2 PIN 1 VCC C3C Vcc C3 DEVICE ORIENTATION C2 C3 C4 C2 RFou...
Description SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

File Size 239.26K  /  6 Page

View it Online

Download Datasheet

    UPD16633B UPD16633BN

NEC[NEC]
Part No. UPD16633B UPD16633BN
OCR Text ...river IC is designed for single-sided mounting. Therefore, please do not use it for -corrected power supply level inversion in double-sided mounting. Because the current flowing through ladder resistors r0 to r62 is small, its use for doubl...
Description 312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES

File Size 105.83K  /  20 Page

View it Online

Download Datasheet

    UPD16634A UPD16634AN

NEC[NEC]
Part No. UPD16634A UPD16634AN
OCR Text ...river IC is designed for single-sided mounting. Therefore, please do not use it for -corrected power supply level inversion in double-sided mounting. 5 VDD2 V0 16 V1 V2 V3 16 16 Figure 5-1. Relationship between Input Data and Output Vol...
Description 300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE

File Size 113.27K  /  20 Page

View it Online

Download Datasheet

    UPD3719 UPD3719D

NEC[NEC]
Part No. UPD3719 UPD3719D
OCR Text ...xels, and each row has a single-sided readout type of charge transfer register. It has reset feed-through level clamp circuits and voltage amplifiers. Moreover, a large dynamic range is realized by using a large saturation voltage and a low...
Description 10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

File Size 141.58K  /  20 Page

View it Online

Download Datasheet

    UPD3777 UPD3777CY

NEC[NEC]
Part No. UPD3777 UPD3777CY
OCR Text ...xels, and each row has a double-sided readout type of charge transfer register. And it has reset feed-through level clamp circuits, a clamp pulse generation circuit and voltage amplifiers. Therefore, it is suitable for 600 dpi/A4 color imag...
Description 5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

File Size 125.85K  /  20 Page

View it Online

Download Datasheet

For sided Found Datasheets File :: 6934    Search Time::2.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sided

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48583006858826