PART |
Description |
Maker |
1738UBA 1738U 1738UAA 1738U-TYPE 1738UCA |
Small form-ractor erbium-doped fiber amplifier with uncooled pump. Connector FC/APC. Electrical connection: male 2 x 10 at 2 mm spacing. RECTIFIER BRIDGE 25A 50V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY 1738U-Type Small Form-Factor Erbium-Doped Fiber Amplifier with Uncooled Pump 1738U型小型可插拔掺铒光纤放大器,具有制冷
|
AGERE[Agere Systems]
|
MAFA2024-TC-01 MAFA2024-TC-00 MAFA2024-TC-02 MAFA2 |
Erbium Doped Fiber Micro Amplifier
|
Emcore Corporation
|
MAFA1014-SC1-01-E-2 MAFA1014-SC1-01-S-1 MAFA1014-S |
MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
|
Emcore Corporation
|
W1724CBBAD W1724CBBAH W1724CDDAD W1724 1724 1724-T |
Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(W Series) Optical Amplifier Platform1724-Type Eribium-Doped Fiber Amplifier(W Series) Optical Amplifier Platform/1724-Type Eribium-Doped Fiber Amplifier(W Series) CAT5E PATCH CORD, 15FT BLUE, MOLDED
|
AGERE[Agere Systems]
|
ACA2601RS29P8 ACA2601 |
Fiber-to-the-Home RF Amplifier
|
ANADIGICS, Inc
|
PONA3030-SC-02-E-AC PONA3027-SC-04-P-2DC PONA3027- |
FIBER OPTIC EDFA AMPLIFIER, 1545-1562nm, 1dB, PANEL MOUNT, SC/APC CONNECTOR FIBER OPTIC EDFA AMPLIFIER, 1545-1562nm, 1dB, PANEL MOUNT, E2000/APC CONNECTOR FIBER OPTIC EDFA AMPLIFIER, 1545-1562nm, 1dB, PANEL MOUNT, FC/UPC CONNECTOR FIBER OPTIC EDFA AMPLIFIER, 1545-1562nm, 1dB, PANEL MOUNT, FC/APC CONNECTOR FIBER OPTIC EDFA AMPLIFIER, 1545-1562nm, 1dB, PANEL MOUNT, SC/UPC CONNECTOR
|
Emcore, Corp. EMCORE CORP
|
MC10SX1126-D |
1.25Gb/s Fiber Optic Post Amplifier
|
ON Semiconductor
|
TZA3046 |
Fiber Channel / Gigabit Ethernet Transimpedance Amplifier
|
NXP
|
ATA00501D1C ATA00501 |
The ANADIGICS ATA00501 is a 5V low noise transimpedance amplifier with AGC designed to be used in OC-1 fiber optic links. AGC TRANSIMPEDANCE AMPLIFIER Transimpedance Amplifiers (TIAs)
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
E3X-DA44V XS3F-M421-405-A E3XDA41N E3X-DA21-N E3X- |
The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
|
Omron Electronics LLC
|
CXB1577R |
Post-Amplifier for Optical Fiber Communication Receiver(用于光纤通信接收器的后置放大
|
Sony Corporation
|
FU-68PDF-V520M129B FU-68PDF-V520M130B FU-68PDF-V52 |
Wavelength:1557nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1537nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1562nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1532nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1556nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1559nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1549nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1539nm DFB-LD module with polarization maintaining fiber pigtail Optoelectronics - WDM- DWDM 1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED/ BIAS CIRCUIT INTEGRATED/ DIGITAL APPLICATION) 9SQ12GC96 TSMC3 EPP 1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) 1.58微米(L波段)半导体激光器模块,保偏光纤尾纤(波长选择,偏置电路集成,数字应用 1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION) 1.58微米L波段)半导体激光器模块,保偏光纤尾纤(波长选择,偏置电路集成,数字应用 Wavelength:1529nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1546nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1536nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1531nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1542nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1552nm DFB-LD module with polarization maintaining fiber pigtail Wavelength:1547nm DFB-LD module with polarization maintaining fiber pigtail
|
http:// Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|