PART |
Description |
Maker |
ASM3P2779AG-08TT ASM3I2779A-06OR ASM3I2779A-08SR A |
Low Power Peak EMI Reducing Solution Octal Bus Transceiver With 3-State Outputs 20-SSOP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 COMMERCIAL THER Octal Bus Transceivers With 3-State Outputs 20-BGA MICROSTAR JUNIOR -40 to 85
|
ALSC[Alliance Semiconductor Corporation]
|
PS7802A-1A-F3-A PS7802A-1A PS7802A-1A-A PS7802A-1A |
TRANSISTOR OUTPUT SOLID STATE RELAY, 500 V ISOLATION-MAX 4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
|
NEC
|
SN74LS374DW SN74LS374N SN74LS373DW SN54LS374J 74LS |
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT Hex Inverter; Package: SOEIAJ-14; No of Pins: 14; Container: Rail; Qty per Container: 50
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Inc
|
U74AHC1G126G-AL5-R U74AHC1G126L-AL5-R |
The U74AHC1G126 is a single bus buffer gate/line driver with 3-state output. When OE is low, the Y output are in a high-impedance state.
|
Unisonic Technologies
|
IN74VHC125N IN74VHC125 IN74VHC125D |
SQUAD 3-STATE NONINVERTING BUFFERS 队三态同相缓冲器 9-Bit Bus-Interface D-Type Latches With 3-State Outputs 24-SOIC -40 to 85 队三态同相缓冲器
|
INTEGRAL JOINT STOCK COMPANY INTEGRAL[Integral Corp.] IK Semicon Co., Ltd
|
53209 53210 53211 |
SPDT SOLID-STATE RELAYS High Power AC/DC Switching TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
G3NE G3NE-205T-US G3NE-205TL-US G3NE-210T-US G3NE- |
TRIGGER OUTPUT SOLID STATE RELAY, 2000 V ISOLATION-MAX Solid State Relays
|
Omron Electronics LLC
|
BT138F-600 BT138F |
600V Vdrm 12A Triac, 1.65V Peak On-State Voltage, 2.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SEMIWELL[SemiWell Semiconductor]
|
BT138-600 BT138 |
600V Vdrm 12A Triac, 1.65V Peak On-State Voltage, 2.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SemiWell Semiconductor
|
ACS374DMSR ACS374D ACS374HMSR FN3997 ACS374MS ACS3 |
Radiation Hardened Octal D Flip-Flop/ Three-State Radiation Hardened Octal D Flip-Flop, Three-State From old datasheet system Radiation Hardened Octal D Flip-Flop Three-State D Flip Flop, Octal, Tri-State, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
HLMP-1540 HLMP-1340 MV5460 MV5360 MV5762X HLMP-144 |
CLEAR LENS T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm High Efficiency Red Rectangular Solid State Lamp 2 mA High Efficiency Red Low Current T-100 & T-1 3/4 Solid State Lamp
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|