Part Number Hot Search : 
N10A0 GU60L02 RLZ14S SBT70 SD692 TEMT4700 6265GEK SP9504
Product Description
Full Text Search
  buffers Datasheet PDF File

For buffers Found Datasheets File :: 23118    Search Time::1.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PROASIC3E

Actel Corporation
Part No. PROASIC3E
OCR Text ... V tolerance. Singleended input buffers support both the Schmitt trigger and programmable delay options on a per- I/O basis. All I/Os are in a known state during power-up, and any power-up sequence is allowed without current impact. Refer t...
Description I/O Structures in IGLOOe and ProASIC3E Devices

File Size 1,228.70K  /  37 Page

View it Online

Download Datasheet





    KMM466S823DT3

Samsung Semiconductor
Part No. KMM466S823DT3
OCR Text ...r to new command. disable input buffers for power down in standby. cke should be enabled 1clk+t ss prior to valid command. a0 ~ a11 address row/column addresses are multiplexed on the same pins. row address : ra0 ~ ra11, column address : c...
Description PC66 SODIMM

File Size 134.29K  /  10 Page

View it Online

Download Datasheet

    K4S280432I

Samsung Semiconductor
Part No. K4S280432I
OCR Text ...r to new command. disable input buffers for power down in standby. a 0 ~ a 11 address row/column addresses are multiplexed on the same pins. row address : ra 0 ~ ra 11 , column address : (x4 : ca 0 ~ ca 9 ,ca 11 ), (x8 : ca 0 ~ ca...
Description (K4S28xx32I) JEDEC standard 3.3V power supply LVTTL compatible

File Size 253.25K  /  14 Page

View it Online

Download Datasheet

    INTERSIL CORP
Part No. HM6-6642B-9
OCR Text ...ng edge of e l high three state buffers: p should be hardwired to gnd except during programming g1 g2 g3 q = d output active hm-6642 3 programming introduction the hm-6642 is a 512 word by 8-bit field programmable read only memory utiliz...
Description 512 X 8 OTPROM, 140 ns, CDIP24

File Size 80.43K  /  8 Page

View it Online

Download Datasheet

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...ernal pullups The Port 1 output buffers can drive LS TTL inputs Port 1 pins that have 1's written to them are pulled high by the internal pullups and in that state can be used as inputs As inputs Port 1 pins that are externally pulled low w...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ...rnal pullups. The Port 2 output buffers can sink/source four TTL inputs. When 1s are written to Port 2 pins, they are pulled high by the internal pullups and can be used as inputs. As inputs, Port 2 pins that are externally being pulled low...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

    ADSP-21061LKB-160 ADSP-21061KSZ-133 ADSP-21061KS-200 ADSP-21061LASZ-176 ADSP-21061LKBZ-160 ADSP-21061LKSZ-160 ADSP-21061

Analog Devices
Part No. ADSP-21061LKB-160 ADSP-21061KSZ-133 ADSP-21061KS-200 ADSP-21061LASZ-176 ADSP-21061LKBZ-160 ADSP-21061LKSZ-160 ADSP-21061LKSZ-176
OCR Text ...apped) control, status and data buffers i/o processor timer instruction cache addr data data addr addr data addr two independent dual-ported blocks processor port i/o port dual-ported sram jtag test and emulation 7 host port addr bus mux ...
Description Commercial Grade SHARC DSP Microcomputer

File Size 740.91K  /  52 Page

View it Online

Download Datasheet

For buffers Found Datasheets File :: 23118    Search Time::1.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of buffers

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.74108099937439