PART |
Description |
Maker |
MAX14655EWCTCJD |
High-Current Overvoltage Protector with Adjustable OVLO
|
MAXIM - Dallas Semiconductor
|
TISP4165H4BJ TISP4180H4BJR TISP4200H4BJ TISP4XXXH4 |
HIGH HOLDING CURRENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
BOURNS[Bourns Electronic Solutions]
|
TISP4700F3LM |
HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
Bourns Electronic Solutions
|
MAX14571EUDT MAX14572EUDT MAX14573EUDT MAX1457113 |
Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
|
Maxim Integrated Products Maxim Integrated Produc...
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
SP3380F3DR |
HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
POWER INNOVATIONS LTD
|
MAX6399ATA-T MAX6399 |
High-Voltage, Overvoltage/Undervoltage, Protection Switch Controller
|
MAXIM[Maxim Integrated Products]
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
NUS6160MNTWG NUS6160MN |
Overvoltage Protection IC with Integrated MOSFETs HALF BRIDGE BASED PRPHL DRVR, QCC22 Low Profile Overvoltage Protection IC with Integrated MOSFET
|
ON Semiconductor
|
BZW50-10 BZW50-100 BZW50-100B BZW50-10B BZW50-12 B |
MB 6C 6#20 SKT PLUG RoHS Compliant: No TRANSILTM MB 10C 10#20 PIN PLUG RoHS Compliant: No MB 10C 10#20 SKT PLUG RoHS Compliant: No TRANSIL Diode for High Overvoltage Protection(5000W、用于过电压保护的TRANSIL二极双向)) TRANSIL Diode for High Overvoltage Protection(5000W、用于过电压保护的TRANSIL二极单向))
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
TISP4395H3 TISP4395H3BJ TISP4240H3 TISP4240H3BJ TI |
TISP4xxxH3BJ Overvoltage Protector Series Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
Bourns Electronic Solutions Bourns Electronic Solut...
|