PART |
Description |
Maker |
HI-8575 HI-8575PSI HI-8573 HI-8573PDI HI-8573PSI H |
CMOS Quad Op-Amp CMOS Dual Op-Amp/Dual Comparator CMOS Quad Comparator Quad CMOS Op Amp / Comparator
|
HOLTIC[Holt Integrated Circuits]
|
WT274C WT274C-N140 WT274C-S140 WT272C WT272C-N080 |
Dual/Quad Low Power CMOS OP Amplifiers The WT272 (dual OP Amp) or WT274 (quad OP Amp) is an ideal upgrade for industrial standard ICs such as TL064/ MC34184/ TLC27L4/ and LM324
|
List of Unclassifed Manufacturers ETC
|
ADG612YRUZ-REEL7 ADG611YRUZ-REEL71 ADG611YRUZ1 ADG |
CMOS ±5 V/5 V/3 V Quad SPST Switches; Package: TSSOP; No of Pins: 16; Temperature Range: Automotive QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 1 pC Charge Injection, 100 pA Leakage, CMOS, ±5 V/ 5 V/ 3 V, Quad SPST Switches
|
Analog Devices, Inc.
|
ALD4302 ALD2301 ALD2302 ALD4301 ALD4301A ALD4301AD |
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
|
ALD[Advanced Linear Devices]
|
ALD4302A05 ALD4302 ALD4302A ALD4302ADB ALD4302APB |
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
|
Advanced Linear Devices
|
ALD4301ASBL ALD4301PBL ALD4301SBL ALD4301APBL |
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
|
Advanced Linear Devices
|
ALD4303APB |
QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER 四精密微功耗CMOS电压比较器驱
|
Advanced Linear Devices, Inc.
|
LTC6242CGNTRPBF LTC6242CGNPBF LTC6242CDHCPBF LTC62 |
Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 275 uV OFFSET-MAX, 17 MHz BAND WIDTH, PDSO16 Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: DFN; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 650 uV OFFSET-MAX, 17 MHz BAND WIDTH, PDSO16 Dual 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C DUAL OP-AMP, 400 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 Dual 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 325 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO8 OP-AMP, 400 uV OFFSET-MAX, 18 MHz BAND WIDTH, PDSO8 Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor Linear Dimensions Semic...
|
HI4-0201/883 |
Dual/Quad SPST, CMOS Analog Switches; Temperature Range: -55°C to 125°C; Package: 20-LCC QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CQCC20
|
Intersil, Corp.
|
MMBZ5253BLT1 MMBZ5236BLT1 MMBZ5254BLT1 MMBZ5240BLT |
3-26V Quad Operational Amplifier, Ta= -40 to 105°C; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 半导 3A, 15V, 52kHz Buck PWM Switching Regulator; Package: TO-220 5 LEAD OFFSET; No of Pins: 5; Container: Rail; Qty per Container: 50 半导 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳V输出 3-36V Quad Comparator, Ta = -40 to 105°C; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 半导 3-32V Quad Operational Amplifier, Ta= 0 to 70°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 3-36V Quad Comparator, Ta = -25 to 85°C; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 SEMICONDUCTOR
|
Leshan Radio Company, Ltd. 乐山无线电股份有限公 LRC[Leshan Radio Company]
|