PART |
Description |
Maker |
DLSR106 DLSR108 DLSR1010 |
1.0A, 80V ultra fast recovery rectifier 1.0A, 60V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier 1 Amp Schottky Barrier Rectifier 60 to 100 Volts
|
MCC[Micro Commercial Components]
|
IRD3902 IRD3909 IRD3899 IRD3912 IRD3903 IRD3900 IR |
20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES Hexfet? Power MOSFET 20 and 30 AMP Fast RECOVERY DIODES 20 AND 30 AMP FAST RECOVERY RECTIFIER DIODES 20日和30放大器快速恢复整流二极管
|
IRF[International Rectifier] International Rectifier, Corp. Vishay Intertechnology, Inc.
|
UF5400GP UF5401GP UF5402GP UF5404GP UF5406GP UF540 |
3.0A, 50V ultra fast recovery rectifier 3 Amp Ultra Fast Glass Passivated Recovery Rectifier 50 to 1000 Volts
|
MCC[Micro Commercial Components] Micro Commercial Compon...
|
DLFR107 DLFR106 |
1.0A, 800V ultra fast recovery rectifier 1 Amp Glass Passivated, Fast Recovery Rectifier 800 to 1000 Volts 1 Amp Glass Passivated/ Fast Recovery Rectifier 800 to 1000 Volts
|
MCC[Micro Commercial Components]
|
CBR1F-D100S CBR1F-D020S CBR1F-D040S CBR1F-D060S CB |
SMD Bridge Rectifier Fast Recovery 1.0 AMP DUAL IN LINE FAST RECOVERY SILICON BRIDGE RECTIFIER 1 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP DUAL IN LINE FAST RECOVERY SILICON BRIDGE RECTIFIER 1 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MR852RL MR851RL MR850-D MR850 MR851 |
Axial Lead Fast Recovery Rectifiers(杞村?灏????揩?㈠??存?浜??绠? 3A 100V Fast Recovery Rectifier 3A 200V Fast Recovery Rectifier
|
ON Semiconductor
|
CMR5U-08 CMR5U-02 CMR5U-04 CMR5U-06 |
SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER 5.0 AMP, 200 THRU 800 VOLTS 5 A, 400 V, SILICON, RECTIFIER DIODE SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER 5.0 AMP/ 200 THRU 800 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
MUR405 MUR410 MUR415 MUR420 MUR440 MUR460 MUR480 M |
HIGH EFFICIENCY RECTIFIER 4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
|
PFS & MIC Shenzhen Ping Sheng Electronics Co., Ltd.
|
PR3007 PR3001 PR3002 PR3003 PR3004 PR3005 PR3006 |
3 AMP FAST RECOVERY RECTIFIER
|
FUJI[Fuji Electric]
|