PART |
Description |
Maker |
LM2931CDG |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 2.7 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor
|
BYT52A BYT52M BYT52 BYT52B BYT52D BYT52G BYT52J BY |
INNOLINE: RP75-xxxxSB - Single Outputs up to 25A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x INNOLINE: RP75-S_DI - Single Output up to 20A Dual Outputs Total Current up to 15A up to 100% Load Imblance- Input/Output 1.6kVDC Isolation Fast Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Telefunken Vishay Siliconix
|
LM317L-D |
100 mA Adjustable Output, Positive Voltage Regulator
|
ON Semiconductor
|
LM2931-D |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
|
ON Semiconductor
|
EZ5Z3-S3.3 EZ5Z3-S3.3TR EZ5Z3-SADJ EZ5Z3-SADJTR EZ |
1A Voltage Regulator(输出电流1A ,5V输入.3V输出或可调输出稳压器) 1A稳压器(输出电流1A中,5V的输入到3.3V的输出或可调输出稳压器) 1A 5V to 3.3V or Adjustable Output EZ DROPPER A 5V.3V或可调输出易滴管 Analog IC 模拟IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3.3 V, PSFM3 TO-220, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3.3 V, PDSO4 SOT-223, 4 PIN 1A 5V to 3.3V or Adjustable Output EZ DROPPER A 5V3.3V或可调输出易滴管
|
NXP Semiconductors N.V. Semtech, Corp. SEMTECH[Semtech Corporation]
|
LM317M |
3-Terminal 0.5A Positive Voltage Adjustable Regulator (Output Voltage Adjustable Over1.2V to 37V)(三端可调正输出电压稳压器(输出可调电压:1.2V7V、输.5A
|
Fairchild Semiconductor Corporation
|
EZ5Z3L-L3.3 EZ5Z3L-LADJ EZ5Z3L-S3.3TR EZ5Z3L-SADJT |
250mA Voltage Regulator(输出电流250mA ,5V输入.3V输出或可调输出稳压器) 250mA的稳压器50mA的输出电流,5V的输入到3.3V的输出或可调输出稳压器) Voltage Reference 电压基准 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3.3 V, PSFM3 TO-220, 3 PIN 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3.3 V, PBCY3 TO-92, 3 PIN High-Efficiency Synchronous Buck Converter with PWM Controller 模拟IC 250mA 5V to 3.3V or Adjustable Output EZ DROPPER 250mAV.3V或可调输出易滴管 Analog IC 模拟IC 250mA 5V to 3.3V or Adjustable Output EZ DROPPER 250mAV3.3V或可调输出易滴管 ADS1625 Evaluation Module
|
NXP Semiconductors N.V. Semtech, Corp. SEMTECH[Semtech Corporation]
|
NCV317MBDTG LM317MBDTG |
500mA, Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 500 mA Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2
|
ON Semiconductor
|
AS2815YU-X AS2815AU-3-3 AS2815 AS2815YR-X AS2815YT |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 Analog IC 模拟IC 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output,Fast Response 1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
BCD Semiconductor Manufacturing, Ltd. Sipex Corporation
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|