PART |
Description |
Maker |
CY7C1362C-166AJXC CY7C1360C-166AJXC CY7C1360C-166A |
9-Mbit (256 K × 36/512 K × 18) Pipelined SRAM
|
Cypress Semiconductor
|
CY7C1367C-166AXC |
9-Mbit (256 K × 36/512 K × 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
M29W400DB55N1 M29W400DB55N1E M29W400DB55N1F M29W40 |
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
|
STMicroelectronics
|
CY14B104K-ZS45XI CY14B104K-ZS25XI CY14B104K-ZS25XI |
4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
|
Cypress Semiconductor
|
AM41PDS3224DB35IS AM41PDS3224DB40IS AM41PDS3224DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位).8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位)1.8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
AM29LV400B |
4 Mbit (512 K x 8-Bit/256 K x 16-Bit) From old datasheet system
|
AMD Inc
|
SST31LF043A-70-4C-WI SST31LF041-300-4E-WH SST31LF0 |
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位的SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PDSO32 XTAL MTL SMT HC49/USM 4 Mbit闪存1兆位56千位的SRAM ComboMemory XTAL CER SMT 7X5 2PAD 16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 DIODE SWITCH 75V 350MW SOT-23 RECTIFIER SCHOTTKY SINGLE 5A 60V 175A-Ifsm 0.7Vf 0.5A-IR SMC 3K/REEL
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
IDT7202 IDT7200L12J IDT7200L12J8 IDT7200L12SO IDT7 |
1K x 9 AsyncFIFO, 5.0V 512 x 9 AsyncFIFO, 5.0V 256 x 9 AsyncFIFO, 5.0V CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
|
IDT
|