PART |
Description |
Maker |
AAT3220IGY-18-T1 AAT3220IGY-23-T1 AAT3220IGY-20-T1 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPowerLDO Linear Regulator CAP 8.0PF 50V .25 PF NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器
|
http:// Advanced Analogic Technologies, Inc.
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
EV2000DJ-00A MP2000DJ-ADJ MP2000DJ-1.0 |
Low Input Voltage 150mA Linear Regulator 0.5 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, PDSO5 Low Input Voltage 150mA Linear Regulator 1 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
Monolithic Power Systems, Inc. MONOLITHIC POWER SYSTEMS INC
|
AL5811EV2 AL5811FF |
75mA, 60V Low-side Adjustable Linear LED Driver
|
Diodes Incorporated
|
MIC5247-1.85BM5 MIC5247-1.85BML MIC5247-1.85YM5 MI |
150mA Low-Voltage 渭Cap Linear Regulator 150mA Low-Voltage μCap Linear Regulator 1.85 V FIXED POSITIVE LDO REGULATOR, PDSO6
|
Micrel Semiconductor MICREL INC
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
AAT3242 AAT3242ITP-WN-T1 AAT3242ITP-TR-T1 AAT3242I |
300mA/150mA Dual CMOS LDO Linear Regulator 300mA/150mA LDO线性稳压器的CMOS
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
OM7581SM |
Hi-Rel Adjustable 1.8V-5.5V 10.0A Linear Regulator in a SMD-C6 Package Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Surface Mount (SMD-6C)
|
International Rectifier
|
SG237AK SG237AR SG237AT SG237K SG237R SG237T SG137 |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY2 1.5 AMP NEGATIVE ADJUSTABLE REGULATOR Negative Adjustable Linear Voltage Regulators; Package: TO-99; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MBCY3 Negative Adjustable Linear Voltage Regulators; Package: LCC; VDIFF (V): 40; IOUT (A): 0.5; 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, CQCC20
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi Corporation Microsemi, Corp.
|
CS5201-1 CS5201-1GDP3 CS5201-1GDPR3 CS5201-1GST3 C |
1A Adjustable Linear Regulator 1A可调线性稳压器 1A Adjustable Linear Regulator A可调线性稳压器
|
ZF Electronics, Corp. ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
SC5205-2.5CSKTR SC5205-3.6CSKTR SC5205-3.0CSKTR SC |
RES 5.9K OHM 1/16W 0.1% 0402 SMD 150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 150mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator
|
SEMTECH[Semtech Corporation]
|