PART |
Description |
Maker |
BCM5320M BCM5321M |
SINGLE-CHIP L2 MANAGED SWITCH WITH 24 10/100 PORTS 2 GbE PORTS 单芯片二级管理的240/100端口2 GbE端口开
|
Broadcom Corp. Broadcom, Corp.
|
USB2-7 VGA4 IBP160 |
6x PCI-E Gigabit LAN ports, up to 8 ports
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
EP830DGGAF-1G |
4 COM ports, 4 USB 2.0 and 2 IEEE 1394a ports
|
Axiomtek Co., Ltd.
|
ADSP-2184NBST-320 ADSP-2184NKST-320 ADSP-2185NBST- |
16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 256KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 160KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 80KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 192KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 20KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 40KB RAM DSP Microcomputer
|
Analog Devices
|
FL-SWITCH-SMCS-14TX |
Ethernet Smart Managed Compact Switch with 14 10/100 Mbps RJ45 ports and two 100 Mbps FX-SC multi-mode ports
|
PHOENIX CONTACT
|
LX7203-22ISM LX7203-15ISM |
EMI Filter & ESD Protection for Up Stream USB Ports 2 FUNCTIONS, DATA LINE FILTER EMI Filter & ESD Protection for Up Stream USB Ports Integrated EMI Filters and TVS diodes
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
ARK-3390 ARK-3390-1S1A1E ARK-3390-1S6A1E |
Intel垄莽 Core垄芒 2 Duo Automation Control System with Two Isolated COM Ports and GPIO Intel? Core 2 Duo Automation Control System with Two Isolated COM Ports and GPIO
|
Advantech Co., Ltd.
|
HYS72D128020GR-7-B HYS72D128021GR-7-B HYS72D128020 |
Modular Connector; No. of Contacts:8; Approval Categories:Fire-Retardant UL 94V-0 Rated; Body Material:Plastic; Color:Blue; Contact Material:Phosphor Bronze; Contact Termination:Punchdown RoHS Compliant: Yes Connector Wall Plate; Color:White; Leaded Process Compatible:Yes; No. of Ports:4 RoHS Compliant: Yes Connector Wall Plate; Color:Almond; Leaded Process Compatible:Yes; No. of Ports:6 RoHS Compliant: Yes 2.5 V 184-pin Registered DDR-I SDRAM Modules 2.584针注册的DDR - SDRAM内存模块 Connector Wall Plate; Color:Almond; Leaded Process Compatible:Yes; No. of Ports:2 RoHS Compliant: Yes 2.584针注册的DDR - SDRAM内存模块
|
Infineon Technologies AG Infineon Technologies A...
|
LX7201 LX7201-15ISF LX7201-22ISF |
EMI Filter & ESD Protection for Down Stream USB Ports 2 FUNCTIONS, 5.25 V, DATA LINE FILTER EMI FILTER & ESD PROTECTION FOR DOWN STREAM USB PORTS
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
NANO100 NANO100VPGGA-T56N |
6 USB 2.0 ports
|
Axiomtek Co., Ltd.
|
XFATM2-C4-4S |
FOUR PORTS COMBO
|
XFMRS Inc.
|