PART |
Description |
Maker |
SFH757V SFH757 |
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing SFH Transmitters & Receivers - Transmitter (LED only) 650nm - connector housing
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
26-03-4030 26-03-3031 26-03-4032 26-03-4221 26-03- |
Connector Housing; Gender:Female; No. of Contacts:3; Series:6442; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:3.96mm RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 03 Ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 03 Ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 Crimp Housing Ramp 22 Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 20 Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 09 Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 11 Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,16 Contacts,SKT,0.156 Pitch,POLARIZED LCK 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 24 Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; No. of Contacts:24; Series:6442; Body Material:PA Polyamide (Nylon); No. of Rows:1; Pitch Spacing:3.96mm 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 04 Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,4 Contacts,SKT,0.156 Pitch,POLARIZED LCK 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 10 Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR KK 156 Crimp Housing Ramp 11 Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Header Connector,Cable Mnt,PLUG,13 Contacts,SKT,0.156 Pitch,POLARIZED LCK 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,18 Contacts,SKT,0.156 Pitch,POLARIZED LCK 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 15 Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 13 Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 06 Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 07 Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
22-01-1154 22-01-1104 29-11-0053 |
CONN RCPT HOUSING 15POS 2.5MM 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; Gender:Female; Number of Contacts:10; Series:5102-N; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP MINI SPOX PLUG HSG 5240051
|
Molex, Inc. MOLEX INC
|
0009016224 09-01-6224 2574-22A12 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 22 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
15-31-1021 15-31-1061 |
Connector Housing; No. of Contacts:2; Pitch Spacing:4.8mm; No. of Rows:1; Series:5025; Connector Body Material:Nylon; Contact Termination:Crimp RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR Connector Housing; Number of Contacts:6; Pitch Spacing:4.8mm; Number of Rows:1; Series:5025; Connector Body Material:Nylon; Contact Termination:Crimp
|
Molex, Inc. MOLEX INC
|
0009016101 09-01-6101 2574-10A6 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 10 Circuits, Rib between 4 & 5, 7 & 8 MOLEX Connector
|
Molex Electronics Ltd.
|
0009016071 09-01-6071 2574-7A3 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 7 Circuits, Rib between 3 & 4 MOLEX Connector
|
Molex Electronics Ltd.
|
19-09-2026 19-09-2027 |
Connector Housing; Gender:Male; No. of Contacts:2; Series:3191; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Contact Current:12A; Height:0.264"; Leaded Process Compatible:No; No. of Rows:1 RoHS Compliant: Yes Connector Housing; Number of Contacts:2; Series:Standard .093"; Connector Body Material:Nylon; Mounting Type:Panel Mount; Number of Rows:1; Pitch Spacing:6.71mm; Contact Termination:Crimp; Terminal Type:Straight Pin
|
MOLEX INC
|
0877153909 87715-3909 |
1.00mm (.039) Pitch, PCI Express* Connector, 230 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38μm (15μ) Gold (Au) Plating, with Plastic Pegs MOLEX Connector
|
Molex Electronics Ltd.
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
0009016211 09-01-6211 2574-21A11 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 21 Circuits, Rib between 5 & 6, 10 & 11, 15 & 16 3.96mm (.156") Pitch KK庐 Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 21 Circuits, Rib between 5 & 6, 10 & 11, 15 MOLEX Connector
|
Molex Electronics Ltd.
|
15-24-4048 |
PCB Vertical Crimp Housing; No. of Contacts:4; Pitch Spacing:0.2"; No. of Rows:1; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Connector Mounting:PC Board; Connector Style:Vertical RoHS Compliant: Yes
|
MOLEX INC
|
|