PART |
Description |
Maker |
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
UPD4264405G5-A50-7JD UPD4265405G5-A50-7JD UPD42S65 |
2-Mbit (128K x 18) Flow-Through SRAM with NoBL Architecture x4 EDO Page Mode DRAM 512K (32K x 16) Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) 128K x 8 Static RAM 128K的8静态RAM
|
Omron Electronics, LLC
|
CY62128V CY62128V18 CY62128V18L-200SC CY62128V18L- |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 200 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 100 ns, PDSO32 SWITCH DETECT PB SPST RT ANG .1A
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
TC55V8128BFT-8 TC55V8128BJ-8 |
128K Word x 8 Bit CMOS Static RAM(128K字x 8 CMOS 静RAM)
|
Toshiba Corporation
|
TC55V200FT-85 TC55V200FT-70 |
128K Word x 16 Bit CMOS Static RAM(128K字x 16 CMOS 静RAM)
|
Toshiba Corporation
|
UPD431000A UPD431000AGU-B10X-9JH UPD431000AGU-B12X |
1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
|
NEC[NEC]
|
UPD442012AGY-DD12X-MJH UPD442012AGY-BB70X-MJH UPD4 |
2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
|
NEC[NEC]
|
TC55257DFI-70L TC55257DFI-85L TC55257DFTI-70L TC55 |
32,768 WORD x 8 BIT STATIC RAM 32,768字8位静态RAM 32K Word x 8 Static RAM(32Kx 8 静RAM) 32K的字× 8静态RAM2K的字× 8静态RAM)的
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
CY7C1019V33-15VC CY7C1019V33L-12VC CY7C1019V33L-15 |
128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 From old datasheet system
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
M5M51008BKV-15VL M5M51008BKV-15VLL M5M51008BKV-70V |
128K X 8 STANDARD SRAM, 120 ns, PDSO32 From old datasheet system 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM 1048576位(131072 - Word位)的CMOS静态RAM
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|