PART |
Description |
Maker |
LT3021 LT3021-1.2 LT3021-1.8 LT3021EDH-1.5 LT3021E |
500mA, Low Voltage, Very Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16
|
Linear Technology, Corp. http:// Linear Technology Corporation LINER[Linear Technology]
|
LT3080 LT3080-1 LTC3025 LT1963A LT302911 LT3020 LT |
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
|
Linear Technology
|
CS-8126-1T5 |
5V, 500mA Low Dropout Linear Regulator
|
Cherry Semiconductor
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
AIC1723A-52XU AIC1723A AIC1723A-18CETB AIC1723A-18 |
500mA Low Dropout Linear Regulator 500mA的低压差线性稳压器
|
Analog Intergrations Co... Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
AS1363-AD AS1363-BSTT-12 AS1363-BSTT-15 AS1363-BST |
500mA, Low-Dropout Linear Voltage Regulator
|
ams AG austriamicrosystems AG
|
LT1763 LT1763CS8 LT1763CS8-1.5 LT1763CS8-1.8 LT176 |
500mA, Low Noise, LDO Micropower Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA, Low Noise, LDO Micropower Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA/ Low Noise/ LDO Micropower Regulators 500MA, LOW VOLTAGE, VERY LOW DROPOUT LINEAR REGULATOR
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX |
Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA
Linear Regulator in µMAX Low-Dropout, 300mA Linear Regulator in ??AX Low-Dropout, 300mA Linear Regulator in μMAX Low-Dropout, 300mA Linear Regulator in MAX Low-Dropout / 300mA Linear Regulator in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
AME8753 AME8753AEZA2533Z |
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
|
Analog Microelectronics
|