Part Number Hot Search : 
P1200 RBV604G EWS1212 62CTQ030 9435G BL24C256 99800 P1200
Product Description
Full Text Search
  0.36 Datasheet PDF File

For 0.36 Found Datasheets File :: 5902    Search Time::3.454ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 146-99-640-41-036 146-91-306-41-035 146-91-306-41-036 146-91-308-41-035 146-91-308-41-036 146-91-314-41-035 146-91-314-41-036 146-91-316-41-035 146-91-316-41-036 146-91-318-41-035 146-91-318-41-036 146-91-320-41-035 146-91-320-41-036 146-91-422-41-035 146-91-422-41-036 146-91-624-41-035 146-91-624-41-036 146-91-628-41-035 146-91-628-41-036 146-91-632-41-035 146-91-632-41-036 146-91-640-41-035 146-91-640-41-036 146-93-306-41-035 146-93-306-41-036 146-93-308-41-035 146-93-308-41-036 146-93-314-41-035 146-93-314-41-036 146-93-316-41-035 146-93-316-41-036 146-93-318-41-035 146-93-318-41-036 146-93-320-41-035 146-93-320-41-036 146-93-422-41-035 146-93-422-41-036 146-93-624-41-035 146-93-624-41-036 146-93-628-41-035 146-93-628-41-036 146-93-632-41-035 146-93-632-41-036 146-93-640-41-035 146-93-640-41-036 146-99-306-41-035 146-99-306-41-036 146-99-308-41-035 146-99-308-41-036 146-99-314-41-035 146-99-314-41-036 146-99-316-41-035 146-99-316-41-036 146-99-318-41-035 146-99-318-41-036 146-99-320-41-035 146-99-320-41-036 146-99-422-41-035 146-99-422-41-036 146-99-624-41-035 146-99-624-41-036 146-99-628-41-035 146-99-628-41-036 146-99-632-41-035 146-99-632-41-036 146-99-640-41-035
OCR Text ...20 22 24 28 32 40 146-xx-306-41-036 146-xx-308-41-036 146-xx-314-41-036 146-xx-316-41-036 146-xx-318-41-036 146-xx-320-41-036 146-xx-422-41-036 146-xx-624-41-036 146-xx-628-41-036 146-xx-632-41-036 146-xx-640-41-036 For PCB thickness 2.1...
Description FILM INSULATING - XTAL 3LDS 双列直插式插座开放框架媒体与兼容的引脚适合
EJECTOR PCB WHITE 双列直插式插座开放框架媒体与兼容的引脚适合
Dual-in-line sockets Open frame Press-fit with compliant pins 双列直插式插座开放框架媒体与兼容的引脚适合
ECON-O-GIDE 4.5-In. Standard Card Guide 双列直插式插座开放框架媒体与兼容的引脚适合
LED Mounting Clip; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
CARD GUIDE 2.5X1.5 1/16 PCB
SPACER,NYLON,CAPACITOR MOUNT10MM CAPACITOR MOUNT
Fasteners; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
GMVSTBW 2.5/ 7-STF-7.62
GRIP-O-GIDE Deep-Channel Card Guide 8.0-In.
Deep Channel Card guides for 116th, 332nd and 18th PCBs
GROMMET-LED PANEL MOUNT BLACK 2 PIECE .2
LED Mount; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:20mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes
LED MOUNT LEM 1.350
SPACER SPACER MYLAR INSULATOR/SPACER
LED Mount; Bulb Size:T-1 3/4; LED Color:High Efficiency Red; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes
LED Mount; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2.2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes

File Size 38.04K  /  1 Page

View it Online

Download Datasheet





    1MD03-036-08 1MD03-036-04 1MD03-036-05

RMT Ltd.
Part No. 1MD03-036-08 1MD03-036-04 1MD03-036-05
OCR Text ...nce parameters dimensions 1md03-036-xx performance data are given for 300k, vacuum type t max k q max w i max a u max v ac r ohm h mm 1md03-036-xx (n=36) 1md03-036-xx (n=36) 1md03-036-xx (n=36) 1md0...
Description Blank ceramics (not metallized) Metallized (Au plating) Blank, tinned Copper

File Size 1,836.27K  /  7 Page

View it Online

Download Datasheet

    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 446-99-208-41-036 346-91-108-41-035 346-91-108-41-036 346-93-108-41-035 346-93-108-41-036 346-99-108-41-035 346-99-108-41-036 446-91-208-41-035 446-91-208-41-036 446-93-208-41-035 446-93-208-41-036 446-99-208-41-035
OCR Text ...lease consult) 346-91-1xx-41-036 346-93-1xx-41-036 346-99-1xx-41-036 Press-fit receptacle connector: single row, compliant pin for plated-thru hole 1 (+ 0.09/- 0.06) mm Availability from: 1 to 64 contacts Standard number of contacts ...
Description PCB connectors 2.54 mm Single row / Double row Press-fit 电路板连接器2.54毫米单列/双列
OSC 5V SMT PLAS 14X9 CMOS

File Size 52.59K  /  1 Page

View it Online

Download Datasheet

    F011-036 F011-032 F011-059 F011-073 F011-126 F011-063

Eichhoff Electronics,Inc.
Part No. F011-036 F011-032 F011-059 F011-073 F011-126 F011-063
OCR Text ...1-126/063 f011-126/073 f011-126/036 f011-126/336 f011-126/436 f011-126/059 f011-126/359 f011-126/459 funk-entst?rfilter im runden metallgeh?use mit gewindezapfen radio-interference suppression filters encapsulation: round metal case with th...
Description Funk-Entst?rfilter im runden Metallgeh?use mit Gewindezapfen

File Size 228.76K  /  6 Page

View it Online

Download Datasheet

    801-036-16M7-10PA

Glenair, Inc.
Part No. 801-036-16M7-10PA
OCR Text ...to order sample part number 801-036 -16 m 7-10 p a series shell style shell material / finish shell size- insert arrangement contact type shell key position 801-036 banding platform 801-039 rear accessory thread -16 plug with anti- d...
Description Series 801 Mighty Mouse High-Speed Double-Start ACME Threads

File Size 122.79K  /  2 Page

View it Online

Download Datasheet

    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 546-99-108-12-101-036 546-91-108-12-101-035 546-91-108-12-101-036 546-93-108-12-101-028 546-93-108-12-101-036 546-99-108-12-101-035 546-93-108-12-101-035
OCR Text ...12-101-028 546-91-xxx-xx-xxx-036 546-93-xxx-xx-xxx-036 546-99-xxx-xx-xxx-036 PGA sockets with press-fit terminations for 1.5 to 2.0 mm PCB thickness. Hole diameter 1 (+ 0.09/- 0.06) mm 546-91-xxx-xx-xxx-035 546-93-xxx-xx-xxx-035 54...
Description Pin Grid Array sockets Press-fit terminations 针栅阵列插座压接端子

File Size 41.31K  /  1 Page

View it Online

Download Datasheet

    61-036-GBRSB7W-B06-ET 61-036_GBRSB7W-B06_ET

Everlight Electronics Co., Ltd
Part No. 61-036-GBRSB7W-B06-ET 61-036_GBRSB7W-B06_ET
OCR Text 036/GBRSB7W-B06/ET 2007.09.21 DepartmentRD3 Revision 1.1 Received MASS PRODUCTION PRELIMINARY CUSTOMER DESIGN PAGE : 14 Revised record REV. 1.1 DESCRIPTION New Spec. RELEASE DATE 2007.9.21 OFFICE:.NO.25,LANE76,SEC.3,CHUNG Y...
Description Luminosity Full Color LED

File Size 211.20K  /  15 Page

View it Online

Download Datasheet

    Samtec, Inc.
Part No. PCRF-036-0457-EM-SMA-P-1 PCRF-036-0457-EC-SMA-P-1
OCR Text 036?0305?ec?sma?p?1 standard sma termination on cable low loss microwave coax cable www.samtec.com mates with: pcie, sma ?036, ?064, ?098, ?164 pcrf sma p 1 no. of positions for complete speci
Description INTERCONNECTION DEVICE ROHS COMPLIANT

File Size 678.97K  /  1 Page

View it Online

Download Datasheet

    7967-036 7967-037 7967-000-02 7967-002

Sonardyne sound in depth
Part No. 7967-036 7967-037 7967-000-02 7967-002
OCR Text ...Type Type Type 7967-000-02 7967-036 7967-002 7967-037 7815-044 Type 7967 HF (35-50kHz) 185dB 110dB 2ms 16 ms 1 9 360mm (14.1") X 270mm (10.6") X 155mm (6.1") Alkaline Battery 5kg LRT Surface Control Unit Programming Lead Remote Transd...
Description OBC/LRT Deck Unit

File Size 82.62K  /  2 Page

View it Online

Download Datasheet

    SD-19193-036 D-352-38

Molex Electronics Ltd.
Part No. SD-19193-036 D-352-38
OCR Text ...umbers sales drawing sd-19193-036 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environme...
Description VersaKrimp Ring Tongue Terminal for 8 AWG Wire

File Size 82.64K  /  3 Page

View it Online

Download Datasheet

For 0.36 Found Datasheets File :: 5902    Search Time::3.454ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.65698313713074