PART |
Description |
Maker |
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
PVN012APBF07 PVN012AS-TPBF PVN012ASPBF |
HEXFET? Power MOSFET Photovoltaic Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
International Rectifier
|
HSR412 HSR412L HSR312L HSR312 HSR412LSR2 HSR312S H |
Optically Coupled Solid State Relay PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
SOM040200 |
MOSFET BASED DC SOLID-STATE RELAY
|
celduc-relais
|
SOM040100 |
MOSFET BASED DC SOLID-STATE RELAY
|
celduc-relais
|
KAQV216H |
SOLID STATE RELAY - MOSFET OUTPUT
|
COSMO[COSMO Electronics Corporation]
|