PART |
Description |
Maker |
SR760 SR750 SR735 SR745 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, with Hex Socket jackscrews, 5 5-way Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, with Hex Socket jackscrews, 5 5-way, pick & place cap 7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
|
济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device]
|
M80-9403442 M80-9402642 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with hoods jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with hoods jackscrews, 13 13-way
|
Harwin PLC HARWIN INC
|
M80-4121405 M80-4122242 M80-4120642 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, no jackscrews, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, no jackscrews, 11 11-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, no jackscrews, 3 3-way 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-8911601 M80-8911801 |
Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 8 8-way 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M80-4212605 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, with Hex Socket jackscrews, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4635042 |
Datamate J-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, with reverse fix jackscrews board mount, 25 25-way 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5305022 |
DATAMATE J-TEK MALE DIL HORIZONTAL PC TAIL WITH JACKSCREW
|
Harwin Plc
|
M80-5L15005MC M80-5L10442MC M80-5L15022MC M80-5L10 |
DATAMATE J-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
M80-5421242 M80-5423442 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5T11642M3-00-000-00-000 M80-5T10405M3-00-000-0 |
Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin, jackscrews 5mm board mount, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, gold, with jackscrews 5mm board mount, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, gold, jackscrews 5mm board mount, 16 16-way 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin, jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, jackscrews 5mm board mount, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, jackscrews 5mm board mount, 12 12-way 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin/lead, jackscrews 5mm board mount, 14 14-way Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, gold, with jackscrews 5mm board mount, 3 3-way Datamate J-Tek DIL Male Vertical 3mm PC Tail Connector, selective gold tin, with jackscrews 5mm board mount, 2 2-way
|
Harwin PLC HARWIN INC
|
M80-8280622P M80-8280842P M80-8281442P M80-8271822 |
Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way, pick & place cap 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin, 4 4-way, pick & place cap 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin, 7 7-way, pick & place cap 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate L-Tek DIL Male Vertical SMT Connector, friction latched, selective gold tin/lead, 9 9-way, pick & place cap 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
|