PART |
Description |
Maker |
VI-RU VI-LU0-IY VI-LU0-IX VI-LU0-IW VI-LU0-IV VI-L |
Vicor Corporation PLUG, INLINE FREE 5WAY Connectors RESISTOR 15 OHM 4.5W 1400 JOULE CONN HEADER 22POS 3MM R/A TIN 430452219 OSCILLLATOR-50.000MHZ,TTL 100PPM,LOW PF, 50 to 600W Autoranging AC-DC Switchers 5000W自动调节交直流切 430451608 5000W自动调节交直流切 CAP 1UF 10V 20% X7R SMD-0805 TR-7 PLATED-NI/SN 5000W自动调节交直流切 CONN HEADER 16POS 3MM VERT GOLD 5000W自动调节交直流切 50 to 600W Autoranging AC-DC Switchers
|
http:// VICOR[Vicor Corporation] Vicor, Corp. Intel, Corp.
|
44764-0802 |
CONN HEADER 8POS 3MM R/A GOLD 8 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
TOLC-105-02-S-Q TOLC-105-32-S-Q TOLC-115-02-S-Q TO |
CONN HEADER .05 5X4PS GOLD SMD 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 15X4PS GOLD SMD 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 40X4PS GOLD SMD 160 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 30X4PS GOLD SMD 120 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 45X4PS GOLD SMD 180 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Samtec, Inc.
|
APC08Y08-J APC08G08-J APC08F08-J APC08K08-J APC08M |
PWR CORD,3C,Y,TWIN END,4', 18AWG, HEADER,RT/ANGLE,MALE,2RW,80PIN .1"CTR,.025"PST,.23"GOLD TAIL HEADER,RT MALE,2RW,50 CONT, .1"CTR,.025"PST,.23"GOLD TAIL CONN,HEADER,STRAIGHT,20 PIN HEADER,VERTICAL,REC,2RW,30cont HEADER,ST MALE,2RW,10PIN, .1"CTR,.025"PST,.23"GOLD (10) HEADER,.1"ST MALE,2RW,14PIN, .025" PST,.23" GOLDTAIL HEADER,RT MALE,2RW,26 CONT, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,RT MALE,2RW,72PIN, .1"CTR,.025"PST,.23"GOLD TAIL CONNECTOR,HEADER,STRAIGHT, 50PIN HEADER,LP SHROUD,20PIN,STRGHT. HEADER,ST MALE,2RW,80 PIN, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,LP SHROUD,10PIN,STRGHT. CONN,HEADER,26 PIN,W/LATCHES, .100",MALE,STRAIGHT,DUAL ROW HEADER,ST MALE,2RW,50PIN, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,VERTICAL,REC,1RW,8cont CONNECTOR,HEADER,STRAIGHT, 10PIN PWR CORD,3C,9'10",BLACK,910PLG UNSHIELDED,18AWG,SJT,PIGTAIL HEADER,RT MALE,2RW,20 CONT, .1"CTR,.025"PST,.23"GOLD TAIL HEADER,ST MALE,2RW,6PIN, .1"CTR,.025 PST,.23"GLDTL (10) 非隔离DC / DC电源模块 HEADER,.1"ST MALE,2RW,14PIN, .025" PST,.23" GOLDTAIL 非隔离DC / DC电源模块 HEADER,ST MALE,2RW,60PIN, .1"CTR,.025"PST,.23"GOLD TAIL 非隔离DC / DC电源模块 HEADER,.1"ST MALE,2RW,8PIN, .025"PST,.23"GOLDTAIL (10) 非隔离DC / DC电源模块
|
Astec America, Inc Alliance Semiconductor, Corp. JST Mfg. Co., Ltd.
|
FM220-LN FM2100-LN FM250-LN FM260-LN FM280-LN FM23 |
CONN HEADER .05 30POS DUAL SMD Chip Schottky Barrier Diodes - Silicon epitaxial planer type CONN HEADER .05 60POS DUAL T/H
|
美丽微半导体有限公司 缇?附寰??瀵间???????
|
EHT-105-01-S-D-SM-LC EHT-113-01-SM-D-SM-P |
CONN HEADER 2MM 10POS SMD GOLD 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
SAMTEC INC
|
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53 |
CONN 52POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET STR PC SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes CONN RCPT 30-POS 15X2 2MM ST CONN 34POS 2MM SOCKET R/A PC MT CONN 36POS 2MM SOCKET R/A PC MT 60=30X2 2MM FEM SOCKET PC-MNT CONN CONN 34POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET VERT PC MT CONN 40POS 2MM SOCKET STR PC SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE CONN 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:PCB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA CONN 50POS 2MM SOCKET R/A PC MT 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET STR PC SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA CONN 34POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
0512966094 0512965494 51296-011 51296-0894 51296-1 |
0.5 FPC CONN EASY ON HGT= 1.3MM ASSY -LEAD FREE- 0.5 FPC CONN ZIF E/0 HSG ASSY (HGT=1.3)
|
Molex Electronics Ltd.
|
54809-5198-C |
CONN FPC 51POS .3MM SMD R/A ZIF
|
Molex
|
M80-8500845 |
Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
CMS11 |
CONN MINI D RECPT 68POS IDC GOLD
|
Toshiba Corporation Toshiba Semiconductor
|
10-10-1051 10-10-1121 10-10-1161 |
5.08mm KK PCB Conn RA VrA 5Ckt 5 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,12 Contacts,SKT,0.2 Pitch,PC TAIL Terminal 5.08mm KK PCB Conn RA VrA 16Ckt
|
Molex, Inc. MOLEX INC
|
|