PART |
Description |
Maker |
HGN-365-4M-F2 HGN-365-4M-F1 HGN-365-6M-F1 HGN-365- |
IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
|
PowerDynamics, Inc
|
42R31-1114 42R31-1212 42R31-1X1X 42R31-1112 42R31- |
IEC 60320 SINGLE FUSE HOLDER APPL. INLET SCREW TERMINALS; SIDE FLANGE
|
PowerDynamics, Inc
|
42R34-3122-200 42R34-3121-250 42R34-3121-150 42R34 |
IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
|
PowerDynamics, Inc
|
10095 |
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
|
PowerDynamics, Inc
|
CC1051CPGRB20X127/12D100GRB012VI CC1051CPGRB20X127 |
ELECTRIC FUSE, 12A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 8A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 32A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 25A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 16A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 10A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 63A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 20A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 6A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 40A, 1000VDC, INLINE/HOLDER
|
Mersen
|
14012 |
BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
|
PowerDynamics, Inc
|
NON-1-6/10 NON-350 NON-250 NON-450 NON-50 NON-500 |
ELECTRIC FUSE, 1.6A, 250VAC, 125VDC, 50000A (IR), INLINE/HOLDER ELECTRIC FUSE, 350A, 250VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 250VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 450A, 250VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 250VAC, 125VDC, 50000A (IR), INLINE/HOLDER ELECTRIC FUSE, 500A, 250VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 6A, 250VAC, 125VDC, 50000A (IR), INLINE/HOLDER ELECTRIC FUSE, 600A, 250VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 65A, 250VAC, 125VDC, 10000A (IR), INLINE/HOLDER
|
TE Connectivity, Ltd. Cooper Bussmann, Inc. MITSUMI ELECTRIC CO., LTD.
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
5ET4-R 5ET3.15-R |
Fuses, RoHS 4A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 150A (IR), INLINE/HOLDER Fuses, RoHS 3.15A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 150A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
LPS-RK-45SP LPS-RK-15SP LPS-RK-2-1/2SP LPS-RK-4/10 |
TIME DELAY BLOW ELECTRIC FUSE, 45A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 15A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 0.4A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.6A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 4.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 12A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.8A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 0.3A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 30A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.8A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 10A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 3.2A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.4A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 40A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 20A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 3.5A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 2.25A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 1.125A, 600VAC, 300VDC, 300000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
BK/AGC-3/4-R BK/AGC-15-R BK1/AGC-12B |
FUSE 3/4A 250V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 0.75A, 250VAC, 35A (IR), INLINE/HOLDER FUSE 15A 32V FAST AGC GLASS FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 1000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 1000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
|