PART |
Description |
Maker |
NCV4279D1R2G NCV4279D2R2 NCV4279D2R2G NCV4279_05 N |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ONSEMI[ON Semiconductor]
|
NCV4279A50D2R2G |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ON Semiconductor
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
NCV8501DWADJ NCV8501DWADJR2 |
Micropower 150 mA LDO linear regulator with ENABLE, DELAY, RESET and monitor FLAG. Output voltage adjustable
|
ON Semiconductor
|
MIC5307-2.8YD5 MIC5307-3.0YD5 MIC5307-1.5YD5 MIC53 |
300mA Micropower 渭Cap Baseband LDO 300mA Micropower μCap Baseband LDO 300mA Micropower uCap Baseband LDO 2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 300mA Micropower uCap Baseband LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc.
|
NCV4269D2G NCV4269D1R2G NCV4269D1G NCV4269D2R2G NC |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
|
ONSEMI[ON Semiconductor]
|
MIC5306-2.6YD5 MIC5306-2.5YD5 MIC5306-1.8YD5 MIC53 |
150mA Micropower μCap Baseband LDO 1.8 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Micrel Semiconductor MICREL INC
|
SI91842DT-12-T1 SI91842DT-12-T1B SI91842DT-22-T1 S |
150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option 150 - mA的低噪音LDO调节器错误国旗和放电期权
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
NCV8506D2T33G |
Micropower 400 mA LDO Linear Regulators with DELAY and RESET 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
NCV8505D2TADJR4G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO7
|
ON Semiconductor
|
NCV8503PWADJG NCV8503PWADJR2G |
Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator 1.261 V-1.339 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
可调正电压单路输出LDO稳压 ON Semiconductor
|