PART |
Description |
Maker |
42R33-2224 42R33-2121 42R33-2122 42R33-2221 42R33- |
IEC 60320 SINGLE FUSE HOLDER APPL. INLET; SOLDER TERMINALS; CROSS FLANGE
|
PowerDynamics, Inc
|
42R35-3122-200 42R35-3126-200 42R35-3226-200 42R35 |
IEC 60320 COMBINATION FUSE HOLDER APPL. INLET, SOLDER TERMINALS; SNAP-IN
|
PowerDynamics, Inc
|
42R38-3122-200 42R38-3122-250 42R38-3222-250 42R38 |
IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
|
PowerDynamics, Inc
|
44R01-5131-150 44R01-5131-250 44R01-2131-150 44R01 |
IEC 60320 STRIP APPL. INLET & OUTLET SNAP IN, QC TERM., 5x20mm FUSE HOLDER
|
PowerDynamics, Inc
|
A90UD73LI1400 A100UD73LI1100 MERSEN-A130UD73LI400 |
ELECTRIC FUSE, 1400A, 900VAC, 150000A (IR), INLINE/HOLDER ELECTRIC FUSE, 1100A, 1000VAC, 150000A (IR), INLINE/HOLDER ELECTRIC FUSE, 900A, 1100VAC, 150000A (IR), INLINE/HOLDER ELECTRIC FUSE, 200A, 1300VAC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
5SFP8-R 5SF8-R 5SF10-R 5SF1.6-R 5SFP630-R BELFUSEI |
Fuses, RoHS 8A 250V F IEC GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 8A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 10A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 10A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 630mA 250V F IEC GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
5ET4-R 5ET3.15-R |
Fuses, RoHS 4A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 150A (IR), INLINE/HOLDER Fuses, RoHS 3.15A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 3.15A, 250VAC, 150A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
17.5SDLSJ20 36SDQSJ10 36SDQSJ6.3 36SDQSJ20 17.5SFL |
ELECTRIC FUSE, 20A, 17500VAC, 17500VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 10A, 36000VAC, 36000VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 6.3A, 36000VAC, 36000VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 20A, 36000VAC, 36000VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 17500VAC, 17500VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 36000VAC, 36000VDC, 35500A (IR), INLINE/HOLDER ELECTRIC FUSE, 50A, 24000VAC, 24000VDC, 50000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
BU17-100SE BBU17-10E BBU38-100E |
SLOW BLOW ELECTRIC FUSE, 100A, 17000VAC, 14000A (IR), INLINE/HOLDER ELECTRIC FUSE, 10A, 17000VAC, 14000A (IR), INLINE/HOLDER ELECTRIC FUSE, 100A, 38000VAC, 38000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
|