PART |
Description |
Maker |
MU9C8338A-TFC MU9C8338A-TFI MU9C8338A |
3.3V LANCAM 10/100Mb inetrnet filter interface 10/ 100Mb Ethernet Filter Interface
|
MUSIC Semiconductors
|
CC1051CPGRB20X127/12D100GRB012VI CC1051CPGRB20X127 |
ELECTRIC FUSE, 12A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 8A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 32A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 25A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 16A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 10A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 63A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 20A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 6A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 40A, 1000VDC, INLINE/HOLDER
|
Mersen
|
XFATM9-55 |
SMD TRANSFORMER FOR 10/100MB LAN
|
XFMRS Inc.
|
MU9C8338 |
10/ 100Mb Ethernet Filter Interface
|
MUSIC Semiconductors
|
A070UD31TTI250 A050UD33TTI2500 A070UD31TTI630 |
ELECTRIC FUSE, 250A, 690VAC, 200000A (IR), INLINE/HOLDER ELECTRIC FUSE, 2500A, 450VAC, 110000A (IR), INLINE/HOLDER ELECTRIC FUSE, 630A, 690VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
RLS1-8/10R RL1-8/10R RFS300R RFS75R RF90R |
ELECTRIC FUSE, 1.8A, 600VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 1.8A, 250VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 300A, 600VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 75A, 600VAC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 90A, 250VAC, 10000A (IR), INLINE/HOLDER
|
MERSEN
|
TOAD347-RXC TOAD347-RXB |
Telecommunication IC 通信集成电路 OPTICAL COMMUNICATION DEVICES 2.5GB/S OPTICAL RECEIVER
|
Electronic Theatre Controls, Inc. Toshiba Semiconductor
|
BK/PCB-2-1/2 BK/PCB-1-1/2 PCD-5 PCE-5 |
FUSE 2-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 1-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 1.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE PC Board Fuse; Leaded Process Compatible:No; Fuse Type:Fast Acting; Peak Reflow Compatible (260 C):No; Series:PC-Tron ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
ENW1D-D28-L00128 ENW1D-D28-M00128 ENW1D-D28-M00128 |
ROTARY OPTICAL POSITION ENCODER COMPACT PACKAGE-5 ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-5 ENCODER - ROTARY OPTICAL ROTARY OPTICAL POSITION ENCODER Encoders 256Cycle Axial ROTARY OPTICAL POSITION ENCODER Encoders 128Cycle Axial ROTARY OPTICAL POSITION ENCODER Encoders 64Cycle Axial ROTARY OPTICAL POSITION ENCODER Encoders 256Cycle Radial ROTARY OPTICAL POSITION ENCODER 20CODER - ROTARY OPTICAL ROTARY OPTICAL POSITION ENCODER Encoders 64Cycle Radial ROTARY OPTICAL POSITION ENCODER Encoders 128Cycle Radial ROTARY OPTICAL POSITION ENCODER Encoders 100Cycle Axial ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
STS-8831 |
Dual Channel Optical Switch Assembly Over / Under Optical Axis
|
Silonex Inc.
|
|