PART |
Description |
Maker |
10-84-4152 10-84-4062 10-84-5061 10-84-4023 10-84- |
Header; No. of Contacts:15; Pitch Spacing:2.13mm; No. of Rows:3; Gender:Receptacle; Series:MLX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 15 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2.13mm; Number of Rows:3; Gender:Receptacle; Series:MLX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 084 Dia Assy Hdr Hsg Skt 94V-0 Sn 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 084 Dia Assy Hdr Hsg Skt 94V-0 Sn 2Ckt 2 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER CONN HEADER 2POS .084 VERT TIN 2 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
52045-1945 52045-2645 52045-3245 52045-3645 52045- |
1.25 FFC Conn Hsg Assy Str Type 19Ckt 19 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 520452645 26 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 520453245 32 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 36Ckt 36 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 37Ckt 37 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 11Ckt 11 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 7Ckt 7 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER 1.25 FFC Conn Hsg Assy Str Type 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER
|
Molex, Inc.
|
502439-1400 |
2.0 W/B CONN, SINGLE PLUG HSG
|
Molex Electronics Ltd.
|
0524840610 52484-0610 |
2.0 W/B CONN. IDT REC. HSG ASSY
|
Molex Electronics Ltd.
|
0524840410 52484-0410 |
2.0 W/B CONN. IDT REC. HSG ASSY
|
Molex Electronics Ltd.
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
39-29-9049 39-29-9104 39-29-9109 39-29-9147 39-29- |
CONN HDR VERT PCB MT 4POS 8AMPS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONNECTOR - 10 PIN, MINI-FIT JR 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN,12-POS MOLEX HEADER, DUAL ROW, VERTICAL, GOLD, W/PEGS & DRAIN HOLES 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFitJrHdr Vt DR W/Pgs 30Au V-2 14Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-5566-04AGS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 39299169 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
0543933982 |
0.3 FPC CONN (EASY ON) Hsg Embstp Pkg -LEAD FREE-
|
Molex Electronics Ltd.
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
A-HDS26-HOOD-WP-R |
D-SUB CONN. ASSY SCREW HD26P M CONN M PIN
|
Assmann Electronics Inc.
|
54478-4065 |
Robot Conn Female Hsg Assy 40Ckt 40 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR
|
Molex, Inc.
|
|