PART |
Description |
Maker |
BYQ28X BYQ28X-100 BYQ28X-150 BYQ28X-200 BYQ28-200 |
SERVSWITCH EXPANSION CBL COAX, 20FT, DB25 10 A, 100 V, SILICON, RECTIFIER DIODE Rectifier diodes ultrafast 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB SERVSWITCH EXPANSION CBL COAX, 50FT, DB25 SERVSWITCH EXPANSION CBL COAX, 10FT, DB25
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CMD6LNNP-330KB CMD6LNNP-330KC CMD6LNNP-270KB CMD6L |
General Power Transformer General Power Transformer Type: CMD Series
|
Sumida Corporation
|
163A16309X |
D-SUB Male 9pos.
|
CONEC Elektronische Bau...
|
99-99-0995 99-99-0990 99-99-0994 99-99-0996 |
11CKT 2.5MM L/P WAFER ASY 526711AX 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 6CKT 2.5MM L/P WAFER ASY 526706AX 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10CKT 2.5MM L/P WAFER ASY 526710AX 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 12CKT 2.5MM L/P WAFER ASY 526712AX 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
PC-17L1 PC-17L2 PC-17L4 |
KPTC 19C 19#20 PIN PLUG 光耦合器(这些光电耦合器包括一个红外线发射镓砷化物 GIGATRUE 550 CAT PATCH CBL NO BOOT 15FT BK 25 PK 光耦合器(这些光电耦合器包括一个红外线发射镓砷化物 GIGATRUE 550 CAT PATCH CBL NO BOOT 15FT BK 25 PK Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
|
KODENSHI, CORP. KODENSHI CORP. Kondenshi Corp
|
LT1576IS8-5SYNC LT1576IS8-SYNC LT1576CS8-SYNC LT15 |
1.5A/ 200kHz Step-Down Switching Regulator MM,62.5M,BREAKOUT STYLE BULK FO CBL - 24FIBER 100 MM,62.5M,BREAKOUT STYLE BULK FO CBL - 12FIBER 100 CAP 100UF 25V ELECT TG SMD MM,62.5M,DIST STYLE,BULK FO CABLE - 12FIB 1000FT MM,62.5M,DIST STYLE,BULK FO CABLE - 4FIB 500FT CAP 220UF 16V ELECT TG SMD CAP 330UF 16V ELECT TG SMD CAP 220UF 25V ELECT TG SMD MM,62.5M,BREAKOUT STYLE BULK FO CBL - 24FIBER 100 3.5 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
39990-0413 39990-0418 39990-0406 39990-0414 39991- |
SR HDR .197DE 13 ASY ST 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 18 ASY ST 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER NEO 5.0mm PCB Hdr S99 Sty 15 Ckt 06 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 14 ASY ST 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 2 ASY ST G 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 11 ASY ST GLD 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 7 ASY ST GLD 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 16 ASY ST GLD 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER NEO 5.0mm PCB Hdr S99 Sty 15 CKT 16 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SSR HDR .197DE 5 ASY ST GLD 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SR HDR .197DE 15 ASY ST GLD 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
SFML-115-T1-S-D SFML-120-T1-S-D SFML-130-T1-S-D SF |
CONN RCPT .05 30POS DUAL T/H 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 40POS DUAL T/H 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 60POS DUAL T/H 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 90POS DUAL T/H 90 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 80POS DUAL SMD 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 100POS DUAL SMD 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 40POS DUAL SMD 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
SOLC-105-02-S-Q SOLC-115-02-S-Q SOLC-140-02-S-Q SO |
CONN RCPT .05 5X4POS GOLD SMD 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 15X4POS GOLD SMD 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 40X4POS GOLD SMD 160 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 20X4POS GOLD SMD 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 25X4POS GOLD SMD 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 45X4POS GOLD SMD 180 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
44475-1811 44475-0621 44475-1011 44475-2411 44475- |
MiniFit HCS Rcpt Hdr DR V-2 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-0 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 24Ckt 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit HCS Rcpt Hdr DR V-2 4Ckt 4 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
PE4543 |
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
|
Pasternack Enterprises, Inc.
|
PE44138 |
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
|
Pasternack Enterprises, Inc.
|
|