PART |
Description |
Maker |
X9418 X9418WP24 X9418WP24-2.7 X9418WP24I X9418WP24 |
Dual 64 tap XDCP potentiometer,low power two-wire interface, dual supply Dual Digitally Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
CY7C09369A-9AC CY7C09269A CY7C09269A-12AC CY7C0926 |
16K x16/18 Synchronous Dual Port Static RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 Memory : Dual-Ports
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
IDT70P24L25BYI IDT70P25L25BF IDT70P25L25BFI IDT70P |
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM 4K X 16 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
24LC41 24LC41-IP 24LC41-P |
1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM 1K/4K 2.5V的双模式,双端口的I 2 C串行EEPROM 1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM 1K/4K 2.5V的双模式,双端口I 2 C串行EEPROM 1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM 1K/4K2.5VDualMode/DualPortI2CSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc.
|
ADG621BRMZ ADG621BRM-REEL ADG623BRMZ ANALOGDEVICES |
CMOS ±5 V/ 5 V, 4 O Dual SPST Switch; Package: MSOP; No of Pins: 10; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO10 CMOS ±5 V/ 5 V, 4 Ω Dual SPST Switches CMOS 5 V/ 5 V, 4 Dual SPST Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
CY7C0241 CY7C0251 7C024 CY7C025-25JC CY7C025-55AC |
x16 Dual-Port SRAM x16双端口SRAM x18 Dual-Port SRAM x18双端口SRAM From old datasheet system 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with Sem, Int, Busy
|
Cypress Semiconductor, Corp. Omron Electronics, LLC
|
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
AD7847ANZ AD7837 AD7837AN AD7847AQ |
LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP24 LC2MOS Complet, Dual 12-Bit MDACs LC MOS Complete, Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDACS
|
Analog Devices, Inc.
|
MX7837 MX7837AN MX7837AQ MX7837AR MX7837BN MX7837B |
DUAL, PARALLEL, 8 BITS INPUT LOADING, 4 us SETTLING TIME, 12-BIT DAC, PDIP24 From old datasheet system Complete Dual 12-Bit Multiplying DACs Complete / Dual / 12-Bit Multiplying DACs Complete, Dual, 12-Bit Multiplying DACs Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|