PART |
Description |
Maker |
MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EE |
15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters ??5kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters QUAD LINE DRIVER, PDSO16 5kV ESD保护3.3V的四路的RS - 422发送器 15kV ESD-Protected / 3.3V Quad RS-422 Transmitters 【15kV ESD-Protected, 3.3V Quad RS-422 Transmitters "?5kV ESD-Protected, 3.3V , 2Mbps Quad RS-422 Transmitters" "?5kV ESD-Protected, 3.3V , 20Mbps Quad RS-422 Transmitters" ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters ±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
ISL81487E ISL81487L |
5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceivers, With Rx/Tx Enables 5kV ESD Protected, 1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceivers, With Rx/Tx Enables and Low Power SHDN
|
Intersil
|
ISL3156EIBZ ISL3152EIPZ ISL3152EIBZ ISL3152EIUZ IS |
5V Full Duplex, 1Mbps Slew Rate Limited, IEC61000 ESD Protected with 2.4V Vod RS-485/RS-422 Transceiver ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
SP3081E SP3082E SP3080E-3088E SP3085E SP3085EEN SP |
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 5kV ESD-Protected Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, ±15kV ESD-Protected LINE TRANSCEIVER, PDSO14
|
Sipex Corporation http://
|
SP3080E-3088E SP3081E SP3082E SP3088EEN SP3080E SP |
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, ??5kV ESD-Protected Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 【15kV ESD-Protected
|
SIPEX[Sipex Corporation]
|
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3440E MAX3440EAPA MAX3440EASA MAX3440EEPA MAX34 |
15kV ESD-Protected, 60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers " ?0V Fault-Protected, 10Mbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" "?0V Fault-Protected, ?5kV ESD Protected, 10Mbps, Fail-Safe RS-485 Transceiver with Shutdown" "?0V Fault-Protected, 250kbps, Fail-Safe RS- 485 Transceiver with ?5kV ESD Protection" 15kV ESD-Protected 60V Fault-Protected 10Mbps Fail-Safe RS-485/J1708 Transceivers 15kV ESD-Protected / 60V Fault-Protected / 10Mbps / Fail-Safe RS-485/J1708 Transceivers 【15kV ESD-Protected, 【60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3355EEUD MAX3355EEBC-T MAX3355E MAX3355EEBCT MA |
±15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA12 5kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP ±15kV ESD保护、USB On-the-Go电荷泵与比较器,UCSP封装 ±15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL4221E ISL4221EIR ISL4221EIRZ ISL4223E ISL4223EI |
QFN Packaged, 卤15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232 QFN Packaged, 5kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers LINE TRANSCEIVER, PQCC16
|
Intersil Corporation Intersil, Corp.
|
MAX3380E MAX3380ECUP MAX3380EEUP MAX3380E-MAX3381E |
2.35V to 5.5V, 1レA, 2Tx/2Rx RS-232 Transceivers with 【15kV ESD-Protected I/O and Logic Pins " 2.35V to 5.5V, 1?A, 2Tx/ 2Rx RS-232 Transceivers with ?à15kV ESD-Protected I/O and Logic Pins" 2.35V to 5.5V, 1A, 2Tx/2Rx RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins 2.35V to 5.5V, 1μA, 2Tx/2Rx RS-232 Transceivers with ±15kV ESD-Protected I/O and Logic Pins 2.35V to 5.5V, 1レA, 2Tx/2Rx RS-232 Transceivers with 5kV ESD-Protected I/O and Logic Pins 2.35V to 5.5V, 1レA, 2Tx/2Rx RS-232 Transceivers with 15kV ESD-Protected I/O and Logic Pins 2.35V to 5.5V, 1??, 2Tx/2Rx RS-232 Transceivers with ??5kV ESD-Protected I/O and Logic Pins
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3161E MAX3160E MAX3160ECAP MAX3160EEAP MAX3161E |
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
|
MAXIM[Maxim Integrated Products]
|
|