PART |
Description |
Maker |
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
SBSGP2000683MXR SBSGC1000104MXR SBSGP5000103MXT SB |
1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 10 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, 5 A, DATA LINE FILTER
|
SYFER TECHNOLOGY LTD
|
54-786-027 1201-066 51-702-021 |
1 FUNCTIONS, 200 V, 10 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 500 V, 25 A, DATA LINE FILTER
|
SPECTRUM CONTROL INC
|
BMB0805A-110 BMB0603A-121 BMB0603A-600 BMB0603A-80 |
1 FUNCTIONS, 0.3 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
|
BI TECHNOLOGIES CORP BITECH[Bi technologies] http://
|
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
AFCC100215LKW2S AFCC190218W6W9N AFCC160222VMW1N AF |
1 FUNCTIONS, 350 V, 15 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 63 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 250 V, 16 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 630 V, 15 A, FEED THROUGH CAPACITOR
|
|
MZA2010D-121CT MZA2010D-330CT MZA2010S800CT |
4 FUNCTIONS, 5 V, 0.05 A, FERRITE CHIP ROHS COMPLIANT, EIA STD PACKAGE SIZE 0804, SMD, 8 PIN 4 FUNCTIONS, 5 V, 0.1 A, FERRITE CHIP
|
Panasonic Industrial Solutions
|
DWA04515016KVP500PF/-10R42 DF04512013KVP500PF/-10R |
1 FUNCTIONS, 16000 V, 10 A, FEED THROUGH CAPACITOR CERAMIC PACKAGE-2 1 FUNCTIONS, 13000 V, 10 A, FEED THROUGH CAPACITOR CERAMIC PACKAGE-2 1 FUNCTIONS, 7000 V, 8 A, FEED THROUGH CAPACITOR
|
Vishay Beyschlag VISHAY DRALORIC
|
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
4501-120M 4501R-104M 4501R-118M 4501R-108M 4501-12 |
Surface Mount Low-Profile Power Toroids 2 FUNCTIONS, 2.5 A, DATA LINE FILTER 2 FUNCTIONS, 0.95 A, DATA LINE FILTER
|
API Delevan
|
|