PART |
Description |
Maker |
WSR5R0100DBA WSR5R0100DEA WSR5R0100DEK WSR5R0100DT |
Power Metal Strip㈢ Resistors, High Power (5 W), Low Value (down to 0.001 ヘ), Surface Mount Power Metal Strip? Resistors, High Power (5 W), Low Value (down to 0.001 Ω), Surface Mount Power Metal Strip庐 Resistors, High Power (5 W), Low Value (down to 0.001 惟), Surface Mount Power Metal Strip垄莽 Resistors, High Power (5 W), Low Value (down to 0.001 楼?), Surface Mount
|
http:// Vishay Siliconix
|
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
2N2894ACSM |
High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型PNP晶体管(高可靠性、陶瓷表贴封装)) 高速中功率开关晶体管进步党在全封闭六窑业表面贴装封装,高可靠性的应用(高速,中等功率,开关型进步党晶体管(高可靠性,陶瓷表贴封装)) HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
1N5226B-LCC3 1N5242B-LCC3 1N5241B-LCC3 1N5244B-LCC |
5.1V, 0.02A Reference diode MSTBW 2.5/13-G FKC 2.5/3-STF FAN 24VDC SPRINT ST24A3 MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-15 INSERT ARRANGEMENT, RECEPTACLE GENDER, 35 CONTACTS Cabinet Rack; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-19 INSERT ARRANGEMENT, RECEPTACLE GENDER, 10 CONTACTS ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 160 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Power Supply 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Battery, Lead-Acid, Sealed, Flame Retardant, Rechargeable, NPX ser. 12V, 150 WPC - 1.67VPC 15 Min - FR 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具 ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Coilcraft, Inc. SEMELAB LTD
|
BDCA1-10-40 |
Surface Mount Bi-Directional Coupler High Power, 50з 1600 to 4000 MHz 1600 MHz - 4000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1.4 dB INSERTION LOSS-MAX Surface Mount Bi-Directional Coupler High Power, 50 1600 to 4000 MHz Surface Mount Bi-Directional Coupler High Power/ 50 1600 to 4000 MHz
|
MINI[Mini-Circuits]
|
WSLT5931 WSLT59312L000FEA WSLT59312L000FEK WSLT593 |
Power Metal Strip? Resistors, High Temperature (275 °C) Low Value (down to 0.001 Ω), Surface Mount Power Metal Strip庐 Resistors, High Temperature (275 掳C) Low Value (down to 0.001 惟), Surface Mount Power Metal Strip㈢ Resistors, High Temperature (275 ∑C) Low Value (down to 0.001 ヘ), Surface Mount
|
Vishay Siliconix
|
WSLT2512 WSLT25124L000DEA WSLT25124L000DEK WSLT251 |
Power Metal Strip垄莽 Resistors, High Temperature (275 隆?C) Low Value (down to 0.01 楼?), Surface Mount Power Metal Strip? Resistors, High Temperature (275 °C) Low Value (down to 0.01 Ω), Surface Mount
|
Vishay Siliconix
|
HSMF-A222-A00J1 HSMF-A331-A00J1 HSMF-A228-A00J1 HS |
HSMF-A222-A00J1 · Surface Mount LED Indicator HSMF-A331-A00J1 · Surface Mount LED Indicator HSMF-A228-A00J1 · Surface Mount LED Indicator HSMF-A205-A00J1 · Surface Mount LED Indicator HSMF-A204-A00J1 · Surface Mount LED Indicator HSMF-A201-A00J1 · Surface Mount LED Indicator HSMF-A301-A00J1 · Surface Mount LED Indicator HSMF-A202-A00J1 · Surface Mount LED Indicator HSMF-A203-A00J1 · Surface Mount LED Indicator HSMF-A211-A00J1 · Surface Mount LED Indicator HSMF-A341-A00J1 · Surface Mount LED Indicator HSMF-A212-A00J1 · Surface Mount LED Indicator HSMF-A227-A00J1 · Surface Mount LED Indicator HSMF-A332-A00J1 · Surface Mount LED Indicator HSMF-A206-A00J1 · Surface Mount LED Indicator HSMF-A342-A00J1 · Surface Mount LED Indicator
|
Agilent (Hewlett-Packard)
|
WSK0612 |
Power Metal Strip? Resistors, High Power, Surface Mount, 4-Terminal
|
Vishay Siliconix
|
WSLP2726 |
Power Metal Strip? Resistors, Very High Power (to 7 W),Low Value (Down to 0.0005), Surface Mount
|
Vishay Siliconix
|
|