PART |
Description |
Maker |
EC2720TS-110.000M |
OSCILLATORS 20PPM 0 70 2.5V 4 110.000MHZ TS CMOS 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 110 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
278071110012833 |
CONN, 110 POS, CPCI, TYPE A 110 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, PRESS FIT, RECEPTACLE
|
Electronic Theatre Controls, Inc.
|
ET9570LH |
3-Ch. Diff. Amplifier-comparator
|
IC Haus
|
ET9571 |
3-Ch. Diff. Amplifier-comparator
|
IC Haus
|
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
OP4008B |
Quartz SAW Stabilized and Filtered “Diff Sine Technology Quartz SAW Stabilized and Filtered Diff Sine Technology
|
RF Monolithics, Inc RF Monolithics Inc
|
XCS30XL-3BG280C XCS05XL-4BG144I XCS40-4TQ208C XCS2 |
Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 125 MHz, PBGA256 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 100 CLBS, 2000 GATES, PQFP100 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 100 CLBS, 2000 GATES, 125 MHz, PQCC84 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 400 CLBS, 7000 GATES, 250 MHz, PQFP100 Low-Power ADSL Central Office Line Driver 20-SO PowerPAD -40 to 85 FPGA, 784 CLBS, 13000 GATES, 217 MHz, PQFP208 10-Bit, 125MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-TSSOP -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 500-mA Dual Differential Line Driver 20-SO PowerPAD 斯巴达和Spartan - xL的家庭现场可编程门阵 High Speed FET-Input Operational Amplifier 8-SOIC -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 High Speed FET-Input Operational Amplifier 8-SO PowerPAD -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 FUSE 4A 32V FAST 0603 SMD 斯巴达和Spartan - xL的家庭现场可编程门阵 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 100 CLBS, 2000 GATES, 166 MHz, PQFP100 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 196 CLBS, 3000 GATES, 250 MHz, PBGA144 PV SERIES 斯巴达和Spartan - xL的家庭现场可编程门阵 350-mA, /-12V ADSL CPE Line Driver with Shutdown 14-SOIC -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 Spartan and Spartan-XL Families Field Programmable Gate Arrays FPGA, 576 CLBS, 10000 GATES, 250 MHz, PQFP144 12-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 斯巴达和Spartan - xL的家庭现场可编程门阵 Spartan and Spartan-XL Families Field Programmable Gate Arrays 斯巴达和Spartan - xL的家庭现场可编程门阵 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 350-mA, /-12V ADSL CPE Line Driver with Shutdown 14-HTSSOP 0 to 70 350-mA, /-12V ADSL CPE Line Driver with Shutdown 14-SOIC 0 to 70 Wideband Operational Amplifier 16-QFN -40 to 85 12-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-TSSOP -40 to 85 14-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 Rail-to-Rail Output Wideband Fully Differential Amplifier 16-QFN -40 to 85 Replaced by THS5661A : 12-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 Wideband, Low Noise, Low Distortion Fully Differential Amplifier 16-QFN -40 to 85 Replaced by THS5641A : 8-Bit, 100MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-TSSOP -40 to 85 Dual Differential Line Drivers and Low-Power Receivers 28-HTSSOP -40 to 85 TVS UNIDIRECT 1500W 170V SMC CANMS3470L24-61PL/C Silver Mica Capacitor; Capacitance:100pF; Capacitance Tolerance: /- 2%; Series:CD5; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:100pF; Capacitance Tolerance: /- 5%; Series:CD5; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Switch Mode Power Supply; Output Voltage:6VDC; Output Power Max:600W; Number of Outputs:5; Supply Voltage Max:264VAC; Supply Voltage Min:85VAC FUSE .5A 32V FAST 0603 SMD POWER SUPPLY,AC/DC SWITCHER FUSE 5A 32V FAST 0603 SMD CONNECTOR ACCESSORY 14-Bit, 125 MSPS, CommsDAC, Diff. Scalable Current Outputs between 2mA to 20mA 28-TSSOP -40 to 85 CANMS3470L24-61SL/C Switch Mode Power Supply; Output Voltage:12VDC; Output Power Max:600W; Number of Outputs:2; Supply Voltage Max:264VAC; Supply Voltage Min:85VAC
|
XILINX INC Linear Technology, Corp. Xilinx, Inc. http://
|
HI-506A HI1-0506A-2 HI1-0506A-5 HI1-0506A-8 HI1-05 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP28 16-Channel/ 8-Channel/ Differential 8-Channel and Differential 4-Channel/ CMOS Analog MUXs with Active Overvoltage Protection 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
PM15CHA060 |
Intellimod3 Module Three Phase IGBT Inverter Output (15 Amperes/110-230 Volts) Intellimod3模块三相IGBT逆变输出5 Amperes/110-230伏特 Module Three Phase Brake IGBT Inverter Output Intellimod⑩-3 Module Three Phase IGBT Inverter Output (15 Amperes/110-230 Volts) Intellimod-3 Module Three Phase IGBT Inverter Output (15 Amperes/110-230 Volts) Intellimod?3 Module Three Phase IGBT Inverter Output (15 Amperes/110-230 Volts)
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
ICS8741004AG ICS8741004AGLF |
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESSJITTER ATTENUATOR DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
DSI17-06A DS80-04F DS80-12F DS80-16F DSI75-14A DSI |
25 A, 600 V, SILICON, RECTIFIER DIODE 110 A, 400 V, SILICON, RECTIFIER DIODE 110 A, 1200 V, SILICON, RECTIFIER DIODE 110 A, 1600 V, SILICON, RECTIFIER DIODE 100 A, 1400 V, SILICON, RECTIFIER DIODE 52 A, 1600 V, SILICON, RECTIFIER DIODE
|
IXYS CORP
|
|