PART |
Description |
Maker |
MAX3760 MAX3760ESA MAX3760E_D MAX3760E/D |
622Mbps Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 622Mbps / Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 8-Bit Registered LVDM Transceiver 64-TSSOP -40 to 85 622Mbps、低噪声互阻前置放大器,用于LAN及WAN光接收器 Quad LVDS Transmitter with Flow-Through Pinout 16-SOIC -40 to 85 ATM/SONET/SDH SUPPORT CIRCUIT, PDSO8 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers ATM/SONET/SDH SUPPORT CIRCUIT, UUC9
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3663 |
From old datasheet system " 3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC"
|
MAXIM - Dallas Semiconductor
|
S3055 |
SONET/SDH/ATM OC-48 16 Bit Transceiver with CDR(SONET/SDH 带CDR6位收发器(完全集B>OC-48接口器件
|
Applied Micro Circuits Corp.
|
2795L 2795H 2795J 2795K |
T1/E1 Transformer Miniature 3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
|
BEL[Bel Fuse Inc.]
|
V23826-H18-C363 V23826-H18-C63 SCDUPLEXIR1X933V |
Transceivers by Form-factor MSA - ATM/SONET/SDH, 1300 nm, 622 Mbit/s, 15 km, 1x9, SC Duplex Connector, 3.3 V, DC/DC coupling DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver 直流/直流 V/3.3五)单模622 MBd的ATM SDH / SONET1x9收发
|
INFINEON[Infineon Technologies AG]
|
S3063 |
SONET/SDH/ATM OC-48 Differential 16:1 Transmitter(SONET/SDH/ATM差分16传送器)
|
Applied Micro Circuits Corp.
|
HFCT-5202 |
155 Mb/s Single Mode Fiber Transceiver with Integrated Clock and Data Recovery for ATM, SONET OC-3/SDH STM-1(应用于ATM, SONET OC-3/SDH STM-1带集成时钟和数据恢复55 Mb/s单模式光收发
|
Agilent(Hewlett-Packard)
|
V23826-C18-C63 V23826-C18-C363 |
IC LOGIC 1G02 SINGLE 2-INPUT POSITIVE-NOR GATE -40 85C SOP-5 - OBSOLETE SM 155 Mbd ATM/SDH/SONET Transceiver Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver 单模155 MBd的ATM SDH / SONET1x9收发
|
Infineon Technologies AG
|
HFBR-5208 |
1300 nm LED Transceiver for ATM, SONET/SDH 622 Mb/s and General Purpose 155 - 650 Mb/s(应用于ATM, SONET/SDH 622 Mb/s通用155 - 650 Mb/s300 nm LED收发
|
Agilent(Hewlett-Packard)
|
HFCT-5953ATG HFCT-5953ATL HFCT-5953TG HFCT-5953TL |
HFCT-5953ATG · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI Shield HFCT-5953ATL · 622 Mbit/s SMF (15km) 2x5 SFF LC for SONET/SDH, ATM (OC-12) -40C to 85C: Multirate w/ EMI Shield HFCT-5953TG · Single Mode SFF Transceiver for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI nose shield HFCT-5953TL · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/EMI nose shield HFCT-5954ATG · Single Mode SFF Transceiver for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI nose shield HFCT-5954ATL · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/EMI nose shield HFCT-5954TG · Single Mode SFF Transceiver for SONET OC-12/SDH STM-4 (S4.1) Multirate w/o EMI nose shield HFCT-5954TL · Single Mode SFF Transceivers for SONET OC-12/SDH STM-4 (S4.1) Multirate w/EMI nose shield
|
Agilent (Hewlett-Packard)
|
HFCT-5215B HFCT-5215D |
155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(应用于ATM, SONET OC-3/SDH STM-1 (L1.1)55 Mb/s单模式激光收发器) 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(搴??浜?TM, SONET OC-3/SDH STM-1 (L1.1)??55 Mb/s??ā寮????????)
|
Agilent(Hewlett-Packard)
|