PART |
Description |
Maker |
M50-4305045 M50-4300345 M50-430XX45 |
1.27 mm PITCH DIL VERTICAL SMT SOCKET ASSY 1.27MM PITCH DIL VERTICAL SMT SOCKET ASSY
|
Harwin Plc
|
M50-3502742 HARWININC-M50-3501942 |
1.27mm Pitch DIL Vertical PC Tail Pin Header, selective gold tin, 27 27-way 54 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M50-3103745 M50-3103345 M50-3101545 M50-3102745 M5 |
1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 37 37-way 74 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 33 33-way 66 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 15 15-way 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 27 27-way 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 1.27mm Pitch DIL Vertical SMT Socket Assembly, 4.45mm high, gold, 21 21-way 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
87839-0018 0878390018 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
|
Molex Electronics Ltd.
|
0879700001 87970-0001 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Through Hole, with Straight Solder Tab MOLEX Connector
|
Molex Electronics Ltd.
|
M50-315XX42 |
1.27mm pitch dil smt vert, low-profile socket assy
|
Harwin Plc
|
M22-5320205 M22-5320246 M22-5322546 M22-5322505 M2 |
2.00 mm PITCH DIL SMT PIN HEADER ASSEMBLY 2.00mm Pitch DIL Vertical SMT Pin Header, gold, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 2.00mm Pitch DIL Vertical SMT Pin Header, tin, 22 22-way 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin Plc
|
90814-0516 0908140516 |
1.27mm (.050) Pitch Picoflex? PF-50 Header, Vertical, Low Profile 1.27mm (.050") Pitch Picoflex庐 PF-50 Header, Vertical, Low Profile 1.27mm (.050") Pitch Picoflex垄莽 PF-50 Header, Vertical, Low Profile
|
Molex Electronics Ltd.
|
M50-3005045 M50-3000345 |
1.27 mm PITCH DIL VERTICAL SOCKET ASSEMBLY
|
Harwin Plc
|
M22-2525005 M22-2525046 M22-2520205 M22-2520246 |
2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
|
Harwin Plc
|
M50-3155042 M50-3150342 |
1.27 mm PITCH DIL SMT VERTICAL LOW-PROFILE SOCKET ASSEMBLY
|
Harwin Plc
|
|