PART |
Description |
Maker |
87623-2012 |
1.27mm 25Deg DDR DIMM .38AuLF 184Ckt 184 CONTACT(S), FEMALE, 25 DEGREE SINGLE PART CARD EDGE CONN, SOLDER
|
Molex, Inc.
|
1755736 1755765 1755804 1755749 1755752 1755817 17 |
HEADER PCB VERT 5.08MM 2WAY HEADER PCB VERT 5.08MM 5WAY HEADER PCB VERT 5.08MM 9WAY HEADER PCB VERT 5.08MM 3WAY HEADER PCB VERT 5.08MM 4WAY HEADER PCB VERT 5.08MM 10WAY HEADER PCB VERT 5.08MM 6WAY HEADER PCB VERT 5.08MM 8WAY Header with side panels, plug-in direction vertical to the p.c.b. Header with side panels, plug-in direction vertical to the p.c.b.
|
PHOENIX CONTACT
|
ST92F120V1Q7 ST92F120R1Q6 ST92F120JR1Q6 ST92F120JR |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD 8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD HEATSINK TO-220 VERT MNT W/TABS 16位产品系列闪存微控制器与RAM,EEPROM和J1850 BLPD Heat Sink; Package/Case:TO-218, TO-247; Thermal Resistance:5 C/W; Mounting Type:Screw Mount; Length:38.1mm; Height:38.1mm; Width:41.91mm; Body Material:Aluminum; Body Plating:Anodized; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
1FHAX720-737G FHAX937-737G 2FJA168-736G FGA596-720 |
720 POS 1MM BGA SMT ADAPTER BGA720, IC SOCKET 937 POS 1MM BGA SMT ADAPTER BGA937, IC SOCKET 168 POS 0.80MM PITCH BGA SMT ADAPTER BGA168, IC SOCKET 596 POS 1.27MM BGA SMT ADAPTER BGA596, IC SOCKET 1020 POS 1MM BGA SMT ADAPTER BGA1020, IC SOCKET 860 POS 1MM BGA SMT ADAPTER BGA860, IC SOCKET 225 POS 1MM BGA SMT ADAPTER BGA225, IC SOCKET 388 POS 1MM BGA SMT ADAPTER BGA388, IC SOCKET 480 POS 1.27MM BGA SMT ADAPTER BGA480, IC SOCKET 324 POS 1MM BGA SMT ADAPTER BGA324, IC SOCKET 560 POS 1MM BGA SMT ADAPTER BGA560, IC SOCKET BGA1036, IC SOCKET 256 POS 1.27MM BGA SMT ADAPTER BGA320, IC SOCKET BGA328, IC SOCKET BGA132, IC SOCKET BGA241, IC SOCKET BGA255, IC SOCKET BGA208, IC SOCKET BGA272, IC SOCKET BGA233, IC SOCKET 384 POS 1MM BGA SMT ADAPTER 225 POS 1.27MM BGA EXTRACTION ADAPTER BGA696, IC SOCKET BGA957, IC SOCKET BGA824, IC SOCKET BGA644, IC SOCKET BGA352, IC SOCKET BGA784, IC SOCKET BGA788, IC SOCKET BGA416, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
MAX16073 MAX16074 |
uP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
|
Maxim Integrated Products
|
MAX9515 MAX9515ABS MAX9515ABS-T MAX9515ABST |
1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 2V/V Gain
|
Maxim Integrated Products
|
70247-3456 70247-4055 |
CGrid HdrShrd RA /VdO/Stdf .38AuLF 34Ckt 33 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd RA/VdO/Stdf .38AuLF 40Ckt 39 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
DC0000090 |
Messerleiste 1mm SMD, 50 polig Male 1mm SMD, 50 contacts
|
ERNI Electronics
|
281739-3 281739-5 281739-4 281739-6 281739-8 28174 |
STIFTLEISTE 2.54MM RASTSTEG VERT 2X3POL STIFTLEISTE 2.54MM RASTSTEG VERT 2X5POL 300MHz High-Speed Op Amp STIFTLEISTE 2.54MM RASTSTEG VERT 2X6POL 17µA Max, Dual Quad, Single-Supply, Precision Op Amps BUCHSENLEISTE SCHNEIDKLEMM 2.54MM 12POL BUCHSENLEISTE SCHNEIDKLEMM 2.54毫米12POL BUCHSENGEHAEUSE 2.54MM 12POL BUCHSENGEHAEUSE 2.54毫米12POL Low-Charge Injection, 8-Channel, High-Voltage Analog Switches BUCHSENGEHAEUSE 2.54毫米2X4POL
|
SIEMENS AG Maxim Integrated Products, Inc.
|
87760-1249 |
Mgrid Hdr D.R. RA W/Knk .38AuLF 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
HYMP564S648-E3 HYMP564S648-C4 HYMP532S646-E3 HYMP5 |
200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver. DDR2 SDRAM - SO DIMM 256MB DDR2 SDRAM - SO DIMM 512MB DDR2 SDRAM - SO DIMM 1GB
|
HYNIX[Hynix Semiconductor]
|
70246-2013 |
2.54mm CGrid Hdr /Knk/Vd .38AuLF 20Ckt 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
|