PART |
Description |
Maker |
0391001002 |
10.00mm (.394) Pitch Beau Eurostyle Two-Screw Terminal Strips, 2 Circuits
|
Molex Electronics Ltd.
|
0391001109 |
10.00mm (.394) Pitch Beau?/a> Eurostyle?/a> Two-Screw Terminal Strips, 9 Circuits
|
Molex Electronics Ltd.
|
0391001105 |
10.00mm (.394) Pitch Beau?/a> Eurostyle?/a> Two-Screw Terminal Strips, 5 Circuits
|
Molex Electronics Ltd.
|
39100-1002 39100-1003 39100-1004 39100-1005 39100- |
391001306 12MM LOW PROFILE W/WIRE PROTEC 3 ASY 12MM LOW PROFILE W/WIRE PROTEC 7 ASY 12MM LOW PROFILE W/WIRE PROTEC 9 ASY Terminal Block; No. of Positions:10; Pitch Spacing:0.472"; Wire Size (AWG):20-8; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 15MM 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 12MM 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.591"; Wire Size (AWG):14-6; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.394"; Wire Size (AWG):18-10; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315? Pitch 10.00mm (.394? Pitch 12.00mm (.472? Pitch 15.00mm (.591? Pitch Eurostyle? Two-Screw Terminal Strip 10MM HIGH PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 15MM HIGH PROFILE W/WIRE PROTEC 11 ASY 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 10MM LOW PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 12MM LOW PROFILE W/WIRE PROTEC 11 ASY 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315隆卤) Pitch 10.00mm (.394隆卤) Pitch 12.00mm (.472隆卤) Pitch 15.00mm (.591隆卤) Pitch Eurostyle垄莽 Two-Screw Terminal Strip
|
MOLEX INC Molex, Inc. Molex Electronics Ltd.
|
0391000910 391000910 |
8.00mm (.315) Pitch Beau Eurostyle Two-Screw Terminal Strips, 10 Circuits 8.00mm (.315") Pitch Beau垄芒 Eurostyle垄芒 Two-Screw Terminal Strips, 10 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0525840279 52584-0279 |
1.00mm (.039) Pitch Receptacle, Dual Row Surface Mount, Vertical Stacking, 8.009.00, 10.00, and 18.00mm (.315, .354, .394 and .709) Stacking Heights, 20 CircuitsLead-free Molex Electronics Ltd.
|
Molex Electronics Ltd.
|
0359600302 35960-0302 |
8.30/10.00mm (.327/.394") Pitch Wire-to-Board Header, Vertical, 6.35mm (.250") Tab, 3 Circuits 8.30/10.00mm (.327/.394) Pitch Wire-to-Board Header, Vertical, 6.35mm (.250) Tab, 3 Circuits
|
Molex Electronics Ltd.
|
0712513101 71251-3101 |
1.27mm (.050) Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 200 Circuits2.5V DDR, 10.00mm (.394) Latch Length
|
Molex Electronics Ltd.
|
0712513002 |
1.27mm (.050) Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 200 Circuits,3.3V SDRAM, 10.00mm (.394) Latch Length
|
Molex Electronics Ltd.
|
0391000912 |
8.00mm (.315) Pitch Beau Eurostyle Two-Screw Terminal Strips, 12 Circuits 8.00mm (.315) Pitch Beau?/a> Eurostyle?/a> Two-Screw Terminal Strips, 12 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|