PART |
Description |
Maker |
K6R1016V1D-UI10 K6R1004C1D-JC10 K6R1004C1D-JI10 K6 |
256K X 4 STANDARD SRAM, 10 ns, PDSO32 256K X 4 STANDARD SRAM, 8 ns, PDSO32 64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges. 64Kx16位高速CMOS静RAM.3V的)在商业和工业温度范围操作 TV 23C 21#20 2#16 SKT PLUG REC 64Kx16 bit high-speed CMOS static RAM operated at commercial and industrial temperature ranges 64Kx16 bit high-speed CMOS static RAM(3.3V Operaing) operated at commercial and industrial temperature ranges TV 55C 55#22D SKT PLUG RECP
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
K6R1016C1C-C10 K6R1016C1C-C12 K6R1016C1C-C15 K6R10 |
64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
N01L1618N1A |
1Mb Ultra-Low Power Asynchronous CMOS SRAM 64Kx16 bit
|
NanoAmp Solutions
|
MX27L1000 MX27L1000MC-12 MX27L1000MC-15 MX27L1000M |
1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDSO32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 TRIM POT 500 OHM 3MM SQUARE SMD TRIM POT 50K OHM 3MM SQUARE SMD
|
MACRONIX INTERNATIONAL CO LTD Macronix International Co., Ltd. MCNIX[Macronix International]
|
CAT28C513PI-12T CAT28C513PI-15T CAT28C512TI12T CAT |
512K-Bit CMOS PARALLEL EEPROM 128Kx8 EEPROM 128Kx8 EEPROM
|
http:// Catalyst Semiconductor NXP Semiconductors N.V. Atmel, Corp.
|
AS7C31024A-10JC AS7C31024A-10JI AS7C31024A-10TC AS |
3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)(3.3V 128KX8 CMOS 静态RAM(改进的引脚 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor Corporation ETC
|
KM681000ELT-7L KM681000ELG-5 KM681000ELG-7 KM68100 |
128Kx8 bit Low Power CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor]
|
WMF128K8-120DEM5 WMF128K8-120FEM5 WMF128K8-120FFC5 |
150ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690 120ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690 EEPROM EEPROM EEPROM|FLASH|128KX8|CMOS|DIP|32PIN|CERAMIC 的EEPROM | FLASH动画| 128KX8 |的CMOS |双酯| 32脚|陶瓷 EEPROM|FLASH|128KX8|CMOS|LLCC|32PIN|CERAMIC 的EEPROM | FLASH动画| 128KX8 |的CMOS | LLCC | 32脚|陶瓷 EEPROM|FLASH|128KX8|CMOS|FP|32PIN|CERAMIC 的EEPROM | FLASH动画| 128KX8 |的CMOS |计划生育| 32脚|陶瓷 EEPROM|FLASH|128KX8|CMOS|SOJ|32PIN|CERAMIC 的EEPROM | FLASH动画| 128KX8 |的CMOS | SOJ | 32脚|陶瓷 EEPROM|FLASH|128KX8|CMOS|SOP|32PIN|CERAMIC 60ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690 70ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690 90ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690
|
White Electronic Designs Mosel Vitelic, Corp. International Rectifier, Corp. TE Connectivity, Ltd. KODENSHI, CORP. Microchip Technology, Inc. Century Container
|
W27C01Q-70 W27C01P-70 |
EEPROM|128KX8|CMOS|TSSOP|32PIN|PLASTIC EEPROM|128KX8|CMOS|LDCC|32PIN|PLASTIC EPROM 存储
|
Harwin PLC
|
K6F1016U4C |
IC,SRAM,64KX16,CMOS,BGA,48PIN,PLASTIC
|
samsung
|
AS7C31024A-10JI AS7C31024A-10STC AS7C31024A-10STI |
4-Bit Synchronous Binary Counters 16-VQFN -40 to 85 4-Bit Synchronous Binary Counters 16-TSSOP -40 to 85 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Out Serial Shift Registers 14-SOIC -40 to 85 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32 Replaced by SN74LV164A : 8-Bit Parallel-Out Serial Shift Register 14-SOIC -40 to 85 128K X 8 STANDARD SRAM, 20 ns, PDSO32 RES, SMD, 4.22K OHM, 1%, 1/10W, RMF BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, U
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
KM68FS1000Z |
128Kx8 Bit Super Low Power and Low Voltage Full CMOS SRAM(128K x 8位超低功耗和低电压CMOS 静RAM) 128Kx8位超级低功耗和低电压的CMOS SRAM的全部(128K的8位超低功耗和低电压的CMOS静态RAM)的
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|