PART |
Description |
Maker |
SR760 SR750 SR735 SR745 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin/lead shell, with Hex Socket jackscrews, 5 5-way Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, with Hex Socket jackscrews, 5 5-way, pick & place cap 7.5 AMPS. SCHOTTKY BARRIER RECTIFIERS
|
济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device]
|
SR206 SR202 SR203 SR204 |
Datamate Trio-Tek DIL Female Housing, with Reverse Fix jackscrews, 5 5-way 2 Amp Schottky Barrier Rectifier 20 - 60 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
M80-4704805 M80-4704042 M80-4703042 |
Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, no jackscrews, 24 24-way 48 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, no jackscrews, 20 20-way 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, no jackscrews, 15 15-way 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8500845 |
Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
M80-5D11005B1 |
DATAMATE J-TEK DIL MALE CRIMP ASSY
|
Harwin Plc
|
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-6661022 M80-6661042 M80-6661045 M80-6661222 M8 |
DATAMATE L-TEK MALE DIL HORIZONTAL SMT ASSEMBLY
|
Harwin Plc
|
M80-8261646 M80-8260806 M80-8260406 M80-8260422 M8 |
DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin Plc http://
|
M80-5421242 M80-5423442 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-8972201 M80-8972205 M80-89722T6 M80-8970701 M8 |
DATAMATE 2mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 4-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin Plc
|
|