PART |
Description |
Maker |
LTC1657IGN LTC1657IN LTC1657I LTC1657CGN LTC1657 L |
Low-Power Dual LinCMOS<TM> Timer 20-LCCC -55 to 125 PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDIP28 Parallel 16-Bit Rail-to-Rail Micropower DAC PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO28 Parallel 16-Bit Rail-to-Rail Micropower DAC PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDIP28 Low-Power Dual LinCMOS<TM> Timer 14-CDIP -55 to 125
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
1657LF LTC1657CGNTR LTC1657CNPBF LTC1657LCGNTRPBF |
Parallel 16-Bit Rail-to-Rail Micropower DAC; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDIP28 Parallel 16-Bit Rail-to-Rail Micropower DAC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO28 From old datasheet system
|
Linear Technology, Corp.
|
LTC1450CN LTC1450LCN LTC1450CG |
Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP Quad, Micropower, Push-Pull Outputs, LinCMOS(TM) Voltage Comparator 14-TSSOP 0 to 70 Quad, Micropower, Push-Pull Outputs, LinCMOS(TM) Voltage Comparator 14-SOIC 0 to 70 PARALLEL, WORD INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Linear Technology Corporation Linear Technology, Corp.
|
KK74HCT164AD KK74HCT164AN |
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT RESISTER High-Performance Silicon-Gate CMOS 8位SERIAL-INPUT/PARALLEL-OUTPUT位移电阻高性能硅栅CMOS
|
KODENSHI KOREA CORP. KODENSHI, CORP. KODENSHI CORP.
|
AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR |
12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器14 Analog-to-Digital Converter14-Bit 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN 5 V Single Supply 14-Bit 400 kSPS ADC
|
TE Connectivity, Ltd. adi Analog Devices
|
AD8582ARZ |
5 Volt, Parallel Input Complete Dual 12-Bit DAC DUAL, PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MAX5102 MAX5102AEUE MAX5102BEUE |
2.7V to 5.5V / Low-Power / Dual / Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs 2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
|
Maixm MAXIM[Maxim Integrated Products]
|
MAX5100 MAX5100AEUP MAX5100BEUP |
2.7V to 5.5V / Low-Power / Quad / Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs 2.7V to 5.5V, Low-Power, Quad, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
|
MAXIM[Maxim Integrated Products]
|
74VHC16 74VHC164MTCXNL 74VHC164MXNL 74VHC164MT 74V |
Quadruple 2-Input Positive-NOR Gates 14-TSSOP -40 to 85 AHC/VHC/H/U/V SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-Bit Serial-In, Parallel-Out Shift Register 8-Bit Serial-In Parallel-Out Shift Register
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
AD5556CRU AD5556CRU-REEL7 AD5546 AD5546BRU AD5546B |
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors Current Output Parallel Input 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors Current-Output Parallel-Input, 14-Bit Digital-to-Analog Converter
|
Analog Devices, Inc. AD[Analog Devices]
|