PART |
Description |
Maker |
9286-200 |
Reduced Thru Wire Connector 18-24 AWG: WTW
|
AVX Corporation
|
15-80-0403 15-80-0445 15-80-0503 15-80-0101 15-80- |
CGrid VT Shrd Hdr Opt A 15 SAu 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 30 SAu 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 15 SAu 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A Tin 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 30 SAu 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A Tin 12Ckt
|
Molex, Inc. MOLEX INC
|
15-38-8219 15-38-8149 15-47-4042 MOLEXINC-15-38-82 |
SL FFC/FPC Opt D Female Tin 21Ckt 21 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt D Female Tin 14Ckt 14 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt D Female 15 SAu 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt D Female Tin 22Ckt
|
Molex, Inc. MOLEX INC
|
14-56-8110 14-56-8120 |
CGrid SL IDT Opt C 30 SAu 11Ckt CGrid SL Idt Opt C 30 SAu 12Ckt
|
MOLEX INC
|
14-56-2103 14-56-2243 14-56-2203 14-56-2063 14-56- |
CGrid SL IDT Opt A 15 SAu 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-45-1820 14-45-1805 14-45-1804 14-45-1819 |
SL IDT Opt D Male 28AWG Tin 20Ckt 20 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG Tin 5Ckt 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG Tin 4Ckt 4 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG Tin 19Ckt 19 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
22-56-6387 22-56-6207 22-56-6407 22-56-6187 |
CGrid SL Hsg Opt F DR 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp Housing; Number of Contacts:20; Pitch Spacing:2.54mm; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female; Series:70450 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt F DR 40Ckt 22566187
|
Molex, Inc. MOLEX INC
|
5217630010 |
OPT COUPLER
|
Meder Electronic
|
5217304000 |
OPT COUPLER
|
Meder Electronic
|
14-56-3127 14-56-3047 14-56-3137 MOLEXINC-14-56-32 |
CGrid SL IDT Opt D 15 SAu 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D 15 SAu 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D 15 SAu 13Ckt 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-56-7120 14-56-7050 14-56-7040 |
SL IDT Opt C Female 22AWG Tin 12Ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt C Female 22AWG Tin 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt C Female 22AWG Tin 4Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
|