PART |
Description |
Maker |
43650-0825 43650-0226 43650-0424 |
MicroFit 3.0 SR Vert SMT Nail 15Au 8Ckt 8 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR Vert SMT Nail 30Au 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR Vert SMT Nail Tin 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
43650-0330 43650-0417 43650-9915 43650-1116 43650- |
MicroFit 3.0 SR Vert TH/Void Tin 3 Ckt 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER,4 POS,VERTICAL,.118 PIT. SELCT GOLD PLATING,15U MIN 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH/Void Tin 5Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:11; Pitch Spacing:0.118"; No. of Rows:1; Series:Mini-Fit 3.0; Body Material:Liquid Crystal Polymer 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MicroFit 3.0 SR Vert TH Peg 30Au 9Ckt 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 3MM VERT TIN 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
42819-6223 42819-2242 42819-6213 42819-3233 42819- |
MiniFit Sr Hdr Vert 093 Clip 6 Ckt Gold 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Sr Hdr Vert 250 Clip 2 Ckt Tin 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Sr Hdr Vert 062 Clip 6 Ckt Gold 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Sr Hdr Vert 125 Clip 3 Ckt Gold 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 428192233 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 6P M STR SN .394LS 4W .125"L MiniFit Sr Hdr Vert 250 Clip 5 Ckt Gold MiniFit Sr Hdr Vert 093 Clip 5 Ckt Gold
|
Molex, Inc. MOLEX INC
|
LTV4N25 LTV4N25-V LTV4N25M-V LTV4N25S-V LTV4N26 LT |
MicroFit 3.0 SR Vert SMT Nail 15Au 3Ckt RoHS Compliant: Yes GENERAL PURPOSE TYPE PHOTOCOUPLER 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
http:// LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON ELECTRONICS INC Lite-On Technology Corp...
|
44914-0801 44914-0802 44914-0803 44914-0201 44914- |
3.00mm (.118隆卤) Pitch Micro-Fit 3.0, CPI垄芒 Micro-Fit 3.0, BMI垄芒 CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI Micro-Fit 3.0, BMI CPI Vertical Headers 3.00mm (.118? Pitch Micro-Fit 3.0, CPI?/a> Micro-Fit 3.0, BMI?/a> CPI Vertical Headers MicroFit 3.0 Header Vert CPI 12 ckt 569 12 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT MicroFit 3.0 Header Vert CPI 8ckt 121 8 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT 452802201 22 CONTACT(S), MALE, POWER CONNECTOR, PRESS FIT
|
Molex Electronics Ltd. Molex, Inc.
|
4616-6001 4614-6001 4614-6005 4600 4616-6000 4616- |
STIFTLEISTE FLANSCH VERT STUFE2 14POL STIFTLEISTE FLANSCH VERT STUFE2 26POL STIFTLEISTE FLANSCH VERT STUFE2 50POL Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 100 X 100, Plug
|
3M[3M Electronics] Minnesota Mining and Manufacturing
|
22-66-3189 22-66-3249 22-10-7218 22-66-3160 22-66- |
MS (MIL-C-5015) SERIES 97 3106B SPLIT SHELL STRAIGHT PLUGS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-18 INSERT ARRANGEMENT, PLUG GENDER, 8 CONTACTS KK 100 Hdr Flat Vert 24 Ckt Gold 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 16 Ckt Gold 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Ckt Tin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 28 Ckt Gold 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 25 Ckt Tin 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 26 Ckt Gold 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 27 Ckt Gold 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 22662030 KK 100 Hdr Flat Vert 20 Ckt Gold KK 100 Hdr Flat Vert 22 Ckt Gold
|
Amphenol, Corp. Molex, Inc. MOLEX INC
|
22-03-2056 22-03-2086 22-03-2216 22-10-2264 22-03- |
KK 100 Hdr Flat Vert Tin 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 21Ckt 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 26Ckt 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert Tin 11Ckt 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Au 2Ckt
|
Molex, Inc. MOLEX INC
|
0510942805 51094-2805 |
Mi II D/R Clip, 28 circuit Mi II垄芒 D/R Clip, 28 circuit MOLEX Connector
|
Molex Electronics Ltd.
|
PCN11S-PFB-2-CP PCN11-100P-2.54WC-2 PCN11-96P-2.54 |
100 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, WIRE WRAP PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type) PCN11系列(产品符合符合DIN标准:无焊连接类型) 96 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT SWITCH PB MOM SPDT 3A R/A SWITCH PB SPDT VERT 3A PCB SWITCH PB SPDT VERT SOLDER 3A Snap Acting pushbutton switches feature multiple termination options Snap acting pushbutton switches with snap in panel mount option SMB MINI 75 OHM JACK 2 HOLE FLANGE SOLDER CUP GOLD SWITCH PB SPDT VERT SOLDER .4A
|
http:// TE Connectivity, Ltd. HIROSE ELECTRIC Co., Ltd. Honda Tsushin Kogyo Co., Ltd. Hirose Electric USA, INC.
|
22-11-2172 22-04-5109 22-04-5129 22-04-5198 22-04- |
Header, Vertical Friction Lock; Number of Contacts:17; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 12 Ckt Tin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 19 Ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Gold 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 24CKT STRGHT PIN 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 23 Ckt Gold 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 15 Ckt Tin 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 11 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:21; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Tin 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 03 Ckt Tin 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt 20 AU 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 13 Ckt Tin 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Gold 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 08 Ckt Tin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:2; Pitch Spacing:2.54mm; No. of Rows:1; Series:6373; Body Material:PA Polyamide (Nylon) 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 26 Ckt Tin 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 04 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:15; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 02 Ckt Tin 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 22 Ckt Gold 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 16 Ckt Tin Multipole Connector; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:6373; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Tin
|
Molex, Inc. MOLEX INC
|
|