PART |
Description |
Maker |
PLUSCON-RCS |
Special pipe spanner, tool for mounting the M23 connector housing (with assembly), for coupling and sleeve housing
|
PHOENIX CONTACT
|
90123-0124 90123-0107 90123-0104 90123-0125 90123- |
Connector Housing; Number of Contacts:24; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:7; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Connector Housing; No. of Contacts:4; Pitch Spacing:2.54mm; No. of Rows:1; Series:C-Grid III; Connector Body Material:Polyphenylene Oxide; Contact Termination:Crimp RoHS Compliant: Yes 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP C-Grid Modr Crp Hsg SR W/2Pol Bttn 25Ckt 25 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP HOUSING, POLARISED 20WAY ; Ways, No. of:20; Approval Bodies:UL, CSA; Current rating:3A; Housing type:Polyphenylene Oxide UL94V-1; Pitch:2.54mm; Resistance, contact:20mR; Resistance, insulation:5000MR; Series:CGRID; Temp, op.
|
Molex, Inc. MOLEX INC
|
51144-0500 51144-0200 51144-0300 51144-0400 51144- |
Header Connector,Cable Mnt,PLUG,5 Contacts,0.156 Pitch,LOCKING MECH 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.96 WIRE TO BOARD CONNECTOR HOUSING
|
Molex, Inc. Molex Electronics Ltd.
|
0474690001 |
2.54mm (.100) Pitch Low Profile SIM Card Connector, 6 Circuits, Housing Height 1.03mm (.041), 0.30um MOLEX Connector
|
Molex Electronics Ltd.
|
0009016224 09-01-6224 2574-22A12 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 22 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009016101 09-01-6101 2574-10A6 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 10 Circuits, Rib between 4 & 5, 7 & 8 MOLEX Connector
|
Molex Electronics Ltd.
|
0009016071 09-01-6071 2574-7A3 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 7 Circuits, Rib between 3 & 4 MOLEX Connector
|
Molex Electronics Ltd.
|
15-06-0066 15-06-0106 |
MiniFit BMI Plug Hsg Pan Mt V-0 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Number of Contacts:10; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Contact Termination:Crimp 10 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
22-55-2201 22-55-2221 22-55-2241 22-55-2261 22-55- |
HOUSING - CONNECTOR DUAL ROW
|
Molex Electronics Ltd.
|
15-24-4048 |
PCB Vertical Crimp Housing; No. of Contacts:4; Pitch Spacing:0.2"; No. of Rows:1; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Connector Mounting:PC Board; Connector Style:Vertical RoHS Compliant: Yes
|
MOLEX INC
|
SFH350 SFH350V |
SFH Transmitters & Receivers - Phototransistor - connector housing
|
Infineon
|
|