PART |
Description |
Maker |
IRKJ166 |
(IRKJ166/196/236) 1600V Common Anode in a Int-a-pak Package
|
International Rectifier
|
VN10LLS-TR1 VN0605T-T1 VN0605T-T1-E3 |
Trans MOSFET N-CH 60V 0.32A 3-Pin TO-92S T/R TRANSISTOR 180 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236, TO-236, 3 PIN, FET General Purpose Small Signal TRANSISTOR 180 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236, LEAD FREE, TO-236, 3 PIN, FET General Purpose Small Signal
|
Vishay Siliconix
|
TMPF4393 TMPF4093 TMPF3968A |
TRANSISTOR | JFET | N-CHANNEL | 30MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 8MA I(DSS) | TO-236 TRANSISTOR | JFET | N-CHANNEL | 5MA I(DSS) | TO-236
|
|
NTR4003N NTR4003NT1G NTR4003NT3G |
30V N-Channel PowerTrench MOSFET 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Power MOSFET 30 V, 0.56 A. Single N-Channel SOT-23 Package; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET 30 V, 0.56 A, Single N−Channel, SOT−23
|
3M Company ON Semiconductor
|
AS7C3128PFD32A-4TQC AS7C3128PFD36A-4TQC AS7C3128PF |
3.3V 128K x 36 pipeline burst synchronous SRAM, 166 MHz 3.3V 128K x 36 pipeline burst synchronous SRAM, 150 MHz 3.3V 128K x 36 pipeline burst synchronous SRAM, 133 MHz 3.3V 128K x 32 pipeline burst synchronous SRAM, 133 MHz 3.3V 128K x 32 pipeline burst synchronous SRAM, 166 MHz 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 3.8 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 3.8 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 5 ns, PQFP100 14 X 20 MM, TQFP-100 3.3V 128K x 32/36 pipeline burst synchronous SRAM 3.3V 128K x 32 pipeline burst synchronous SRAM, 150 MHz 3.3V 128K x 32 pipeline burst synchronous SRAM, 100 MHz 3.3V 128K x 36 pipeline burst synchronous SRAM, 100 MHz
|
Alliance Semiconductor, Corp.
|
EPS13D3C1HA-166.000M EPS13D3C2JP-14.318M EPS13D3C1 |
OSCILLATORS 100PPM -20 70 3.3V 4 166.000MHZ TS LVHCMOS 5X7MM 6PAD SMD CRYSTAL OSCILLATOR, CLOCK, 166 MHz, LVHCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.318 MHz, LVHCMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.736 MHz, LVHCMOS OUTPUT
|
Ecliptek, Corp. ECLIPTEK CORP
|
C1495D |
Digital Signal Processors 196-CFP -55 to 125
|
MOTOROLA INC
|
TSPC603R |
32-bit RISC Microprocessor, 166-300 MHz
|
Atmel
|
BTA41-400 BTA41-400B BTA41-700B BTA41A BTA41B BTB4 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS POWERLINE: RP15-S_DEW - 4:1 Wide Input Voltage Range- 15 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 82% 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC Standard triac, 40Ampere, 700V
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
|