PART |
Description |
Maker |
87368-4820 87368-2820 |
CONN RECEPT 48POS 2MM SMD GOLD 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD
|
Molex, Inc. MOLEX INC
|
SD453N12S20MC SD453N12S20MSC SD453N12S20MTC SD453N |
1200V Fast Recovery Diode in a B-8 package 2500V Fast Recovery Diode in a B-8 package Serial Cable Assembly; Connector Type A:Straight SATA Plug; Connector Type B:Right Angle SATA Plug; Cable Length:0.5m; Current Rating:1.5A; No. of Contacts:7 RoHS Compliant: Yes Serial Cable Assembly; Connector Type A:Straight SATA Plug; Connector Type B:Right Angle SATA Plug; Cable Length:0.5m; Current Rating:1.5A; Number of Contacts:7 Serial Cable Assembly; Connector Type A:Straight SATA Plug; Connector Type B:Straight SATA Plug; Cable Length:0.5m; Current Rating:1.5A; No. of Contacts:7 RoHS Compliant: Yes FAST RECOVERY DIODES 快速恢复二极管 ATTACH TAPE ACRYLIC 1/2X20YD 快速恢复二极管
|
IRF[International Rectifier] International Rectifier, Corp.
|
P94039I |
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 39-in
|
Tripp Lite. All Rights ...
|
MLE-175-01-G-DV |
CONN RECEPT 150POS 1MM DUAL SMD 150 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Samtec, Inc.
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
P94406I |
Serial ATA (SATA) Power Cable (4Pin Molex to 15pin), 6-in
|
Tripp Lite. All Rights ...
|
U357025R |
USB 3.0 SuperSpeed External 2.5 SatA III Hard Drive Enclosure with Built-in Cable
|
Tripp Lite. All Rights ...
|
NL565050T NL565050T-1R0J NL565050T-1R0K NL565050T- |
For General Applications 对于一般应 Connector,D-Shell,Cable Mnt,RECEPT,25 Contacts,PIN,0.109 Pitch,CRIMP Terminal,HOLE .112-.124 FLOAT
|
TDK, Corp. TDK Corporation TDK[TDK Electronics] TDK Semiconductor
|
JMB352 |
High-Speed USB & SATA II Combo to Dual SATA II RAID Bridge
|
JMicron
|
JMB352U |
High-Speed USB & SATA II Combo to Dual SATA II Port Multiplier(1 to 2) Bridge
|
JMicron
|
47362-1031 |
1.27mm (.050) Pitch Combo SATA Cable Connector, Straight Type, without Arris, with bumps, 0.76um (30u)
|
Molex Electronics Ltd.
|
03-06-2061 |
Header Connector,Cable Mnt,RECEPT,6 Contacts,PIN/SKT,0.145 Pitch,LATCH 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
|