PART |
Description |
Maker |
1N6515U 1N6517U 1N6513U 1N6513 |
2000 V - 10000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time 2000 V - 5000 V Rectifiers 2,000 V - 5,000 V Rectifiers
|
ETC[ETC]
|
HAX2000-S HAX2500-S HAX500-S HAX1500-S HAX1000-S H |
Current Transducers HAX 500 to 2500-S 电流转换器HAX抛物面反00 2500 - Current Transducers HAX 500 to 2500-S MAGNETIC FIELD SENSOR-HALL EFFECT, -4-4V, RECTANGULAR, PANEL MOUNT Current Transducers HAX 500 to 2500-S
|
LEM
|
1N6519 1N6513 1N6515 1N6517 |
2,000 V - 10,000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time 2000 V - 10000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time
|
ETC[ETC]
|
PS412025 PS412425 |
2500 A, 2000 V, SILICON, RECTIFIER DIODE 2500 A, 2400 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
C781PN C781 C781L C781LA C781PB C781PD C781PM |
Phase Control SCR 2500 Amperes Average 2100 Volts 4820 A, 1200 V, SCR Phase Control SCR 2500 Amperes Average 2100 Volts 相位控制晶闸管二五○○安培平100伏特 Phase Control SCR 2500 Amperes Average 1600-2100 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semicondu...
|
0070.5021.B1 0070.9521.B1 0070.1181.B1 0070.1111.A |
11 - 95 VAC ・ 250 - 10000 A ・ 5 - 20 mm
|
Schurter Inc.
|
CGS103U075R4L3PH CGS103U075R4L4PHS CGS103U075R4L3P |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, STUD MOUNT RADIAL LEADED, CAN
|
Aerovox, Corp.
|
FAR-F6CC-1G6190-L2ZN FAR-F6CC-1G4890-L2ZB FAR-F6CC |
Piezoelectric SAW BPF
(1000 to 2500 MHz)(压电表面声波带通滤波器000Hz500MHz Piezoelectric SAW BPF
(1000 to 2500 MHz)(压电表面声波带通滤波器1000Hz500MHz
|
Fujitsu Limited
|
CYNSE10128 CYNSE10128-083FGCI CYNSE10128-100FGC CY |
Ayama⑩ 10000 Network Search Engine
|
Cypress Semiconductor
|
FDS6690SL86Z |
10000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
CYNSE10128-133FGC CYNSE10512-100FGC CYNSE10512-133 |
Ayama 10000 Network Search Engine Ayama?/a> 10000 Network Search Engine
|
Cypress Semiconductor
|