PART |
Description |
Maker |
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
STR752FR2H7 STR750FV2H6 STR755FR1T6 STR755FR2H6 ST |
ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMICROELECTRONICS[STMicroelectronics]
|
STR712FR0 STR712FR0H6 STR712FR0T6 STR712FR1 STR710 |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics
|
STR736FV0T6 STR736FV0T7 STR736FV1T6 STR736FV1T7 ST |
ARM7TDMI垄芒 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces ARM7TDMI?/a> 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces ARM7TDMI?32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
|
STMicroelectronics
|
ADUUC7027BSTZ62-RL |
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
|
Analog Devices, Inc.
|
ADUC702 ADUC7020 ADUC7020BCP62 ADUC7021ACP32 ADUC7 |
Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
|
AD[Analog Devices]
|
ADUC7122 |
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI? MCU Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI垄莽 MCU
|
Analog Devices
|
SST89E54RD2-40-I-PJ SST89V52RD2-40-I-PJ SST89V58RD |
DIODE SWITCH 80V 25MA SOT-353 FlashFlex51单片 XSTR GP SWITCH 75V 0.6A 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 TRANS DUAL NPN 50V 30MA SOT-353
|
Silicon Storage Technol... SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
ST722311R6T3S ST722311R6T7S ST72511R6T1 ST72511R7T |
(ST72T311R - ST72T532R) 8-BIT MCU WITH NESTED INTERRUPTS 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ADUC842 ADUC842BCP |
MicroConverter 1-Cycle 8052 MCU, 8-Channel 12-Bit ADC , Dual 12-Bit DAC , 62K-Byte Flash, Programmable PLL in 8 x 8mm Chip-scale-package (CSP) 12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
|
Analog Devices, Inc.
|
|