PART |
Description |
Maker |
BUK7720-55A |
CAPACITOR, 22000UF 25V CAPACITOR, 22000UF 25V; CAPACITANCE:22000UF; VOLTAGE RATING, DC:25V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes N-channel TrenchMOS standard level FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
2SC2413K 2SC2058S 2SC4098 2SC4618 2SC5659 2SC5058S |
25V,50mA, 300MHz high-frequency amplifier transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W) High-frequency Amplifier Transistor(25V 50mA 300MHz) High-frequency Amplifier Transistor(25V, 50mA, 300MHz) High-frequency Amplifier Transistor(25V/ 50mA/ 300MHz)
|
ROHM[Rohm] Rohm CO.,LTD.
|
DCG-10-4TNC DCG-10-4 DCG-10-4BNC DCG-10-4N DCG-10- |
11 dB Directional Coupler 30 - 1000 MHz 11分贝定向耦合0 - 1000兆赫 SM IC/M4A5-128 TQFP100 CPLD 11分贝定向耦合0 - 1000兆赫 MACH4 ISP EEPLD, PQFP100, 5.25V; Logic IC family:Programmable CPLD; Logic IC function:Programmable ISP; Voltage, supply:5.25V; Case style:PQFP; Base number:4; Flip-flops, No. of:192; Gate equivalents, No. of:5000; Inputs, No. of:64;
|
3M Company M/A-COM Technology Solutions, Inc. MACOM[Tyco Electronics]
|
CSC2001 CSA952 CSA952K CSA952L CSA952M CSA9529AW C |
0.600W General Purpose PNP Plastic Leaded Transistor. 25V Vceo, 0.700A Ic, 90 - 180 hFE 0.600W General Purpose PNP Plastic Leaded Transistor. 25V Vceo, 0.700A Ic, 135 - 270 hFE 0.600W General Purpose PNP Plastic Leaded Transistor. 25V Vceo, 0.700A Ic, 200 - 400 hFE 0.600W General Purpose PNP Plastic Leaded Transistor. 25V Vceo, 0.700A Ic, 90 - 400 hFE PNP EPITAXIAL PLANAR SILICON TRANSISTOR 进步党平面外延硅晶体
|
Continental Device India Limited CDIL Continental Device India, Ltd.
|
KIA7125P KIA7125PV KIA7125F KIA7125FV |
VOLTAGE SUPERVISOR WITH DELAY TIME CONTROL IC CPU Reset, 1.25V Adjustable Detecting Voltage CPU Reset, 1.25V Delay Timer Control
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
LT1913 LT1913IDDTRPBF LT1913IDDPBF LT1913EDDPBF LT |
25V, 3.5A, 2.4MHz Step-Down Switching Regulator 25V, 3.5A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 25V, 3.5A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. http://
|
STD70N02L07 STD70N02L STD70N02L-1 |
N-channel 25V - 0.0068Ω - 60A - DPAK - IPAK STripFET?/a> III Power MOSFET N-channel 25V - 0.0068Ω - 60A - DPAK - IPAK STripFET III Power MOSFET N-channel 25V - 0.0068ヘ - 60A - DPAK - IPAK STripFET⑩ III Power MOSFET
|
STMicroelectronics
|
GRM21BR71E225K |
Chip Monolithic Ceramic Capacitor 0805 X7R 2.2楼矛F 25V Chip Monolithic Ceramic Capacitor 0805 X7R 2.2μF 25V
|
Murata Manufacturing Co., Ltd.
|
GCM319R71E334K |
Chip Monolithic Ceramic Capacitor 1206 X7R 0.33楼矛F 25V Chip Monolithic Ceramic Capacitor 1206 X7R 0.33μF 25V
|
Murata Manufacturing Co., Ltd.
|
GRM32ER61E226K |
Chip Monolithic Ceramic Capacitor 1210 X5R 22μF 25V Chip Monolithic Ceramic Capacitor 1210 X5R 22レF 25V
|
Murata Manufacturing Co., Ltd.
|